Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB83C166W-5MT4 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # SAB83C166W-5MT4
Description  C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB83C166W-5MT4 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button SAB83C166W-5MT4 Datasheet HTML 3Page - Siemens Semiconductor Group SAB83C166W-5MT4 Datasheet HTML 4Page - Siemens Semiconductor Group SAB83C166W-5MT4 Datasheet HTML 5Page - Siemens Semiconductor Group SAB83C166W-5MT4 Datasheet HTML 6Page - Siemens Semiconductor Group SAB83C166W-5MT4 Datasheet HTML 7Page - Siemens Semiconductor Group SAB83C166W-5MT4 Datasheet HTML 8Page - Siemens Semiconductor Group SAB83C166W-5MT4 Datasheet HTML 9Page - Siemens Semiconductor Group SAB83C166W-5MT4 Datasheet HTML 10Page - Siemens Semiconductor Group SAB83C166W-5MT4 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
SAB 80C166W/83C166W
Semiconductor Group
7
7, 18,
38, 61,
79, 93
V
CC
-
Digital Supply Voltage:
+ 5 V during normal operation and idle mode.
≥ 2.5 V during power down mode
6, 21,
39, 60,
78, 94
V
SS
-
Digital Ground.
Pin Definitions and Functions (cont’d)
Pin
No.
Symbol
Input (I)
Output (O)
Function


Similar Part No. - SAB83C166W-5MT4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB83C166W INFINEON-SAB83C166W Datasheet
878Kb / 67P
   High-Performance CMOS 16-Bit Microcontrollers
10.94
More results

Similar Description - SAB83C166W-5MT4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C165 SIEMENS-C165 Datasheet
720Kb / 49P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
M166 SIEMENS-M166 Datasheet
373Kb / 127P
   C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
C167 SIEMENS-C167 Datasheet
2Mb / 56P
   High-Performance CMOS 16-Bit Microcontrollers
logo
Infineon Technologies A...
SAB80C166W INFINEON-SAB80C166W Datasheet
878Kb / 67P
   High-Performance CMOS 16-Bit Microcontrollers
10.94
logo
National Semiconductor ...
CR16MES5 NSC-CR16MES5 Datasheet
449Kb / 99P
   Family of CompactRISC 16-Bit Microcontrollers
logo
Texas Instruments
CR16MES5 TI1-CR16MES5 Datasheet
996Kb / 101P
[Old version datasheet]   Family of CompactRISC 16-Bit Microcontrollers
logo
Microchip Technology
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
   High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
   High-Performance, 16-bit Microcontrollers
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com