Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8290 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8290
Description  Wide Supply Range, Rail-to-Rail
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8290 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8290 Datasheet HTML 5Page - Analog Devices AD8290 Datasheet HTML 6Page - Analog Devices AD8290 Datasheet HTML 7Page - Analog Devices AD8290 Datasheet HTML 8Page - Analog Devices AD8290 Datasheet HTML 9Page - Analog Devices AD8290 Datasheet HTML 10Page - Analog Devices AD8290 Datasheet HTML 11Page - Analog Devices AD8290 Datasheet HTML 12Page - Analog Devices AD8290 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD8426
Rev. 0 | Page 9 of 28
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 8.
Parameter
Rating
Supply Voltage
±18 V
Output Short-Circuit Current
Indefinite
Maximum Voltage at −INx or +INx
−VS + 40 V
Minimum Voltage at −INx or +INx
+VS − 40 V
REFx Voltage
±VS
Storage Temperature Range
−65°C to +150°C
Specified Temperature Range
−40°C to +125°C
Maximum Junction Temperature
130°C
ESD
Human Body Model
1.5 kV
Charged Device Model
1.5 kV
Machine Model
100 V
The θJA value in Table 9 assumes a 4-layer JEDEC standard
board with zero airflow.
Table 9.
Package
θJA
Unit
16-Lead LFCSP (CP-16-19)
86
°C/W
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


Similar Part No. - AD8290

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8290 AD-AD8290 Datasheet
541Kb / 20P
   G = 50, CMOS Sensor Amplifier with Current Excitation
REV. B
AD8290 AD-AD8290 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8290 AD-AD8290 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD8290 AD-AD8290 Datasheet
529Kb / 28P
   Wide Supply Range, Micropower,
REV. 0
AD8290 AD-AD8290 Datasheet
361Kb / 20P
   Low Noise, Low Gain Drift, G = 2000
REV. A
More results

Similar Description - AD8290

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8226 AD-AD8226 Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Texas Instruments
INA827 TI1-INA827_13 Datasheet
1Mb / 30P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Analog Devices
AD8227 AD-AD8227 Datasheet
657Kb / 24P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. 0
AD8420 AD-AD8420 Datasheet
256Kb / 10P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
   Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com