Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5685R Datasheet(PDF) 1 Page - Analog Devices

Part # AD5685R
Description  Quad, 16-/14-/12-Bit nanoDAC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5685R Datasheet(HTML) 1 Page - Analog Devices

  AD5685R Datasheet HTML 1Page - Analog Devices AD5685R Datasheet HTML 2Page - Analog Devices AD5685R Datasheet HTML 3Page - Analog Devices AD5685R Datasheet HTML 4Page - Analog Devices AD5685R Datasheet HTML 5Page - Analog Devices AD5685R Datasheet HTML 6Page - Analog Devices AD5685R Datasheet HTML 7Page - Analog Devices AD5685R Datasheet HTML 8Page - Analog Devices AD5685R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Quad, 16-/14-/12-Bit nanoDAC+
with 2 ppm/°C Reference, SPI Interface
Data Sheet
AD5686R/AD5685R/AD5684R
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
High relative accuracy (INL):
±2 LSB maximum @ 16 bits
Low drift 2.5 V reference: 2 ppm/°C typical
Tiny package: 3 mm × 3 mm, 16-lead LFCSP
Total unadjusted error (TUE): ±0.1% of FSR maximum
Offset error: ±1.5 mV maximum
Gain error: ±0.1% of FSR maximum
High drive capability: 20 mA, 0.5 V from supply rails
User selectable gain of 1 or 2 (GAIN pin)
Reset to zero scale or midscale (RSTSEL pin)
1.8 V logic compatibility
50 MHz SPI with readback or daisy chain
Low glitch: 0.5 nV-sec
Robust 4 kV HBM and 1.5 kV FICDM ESD rating
Low power: 3.3 mW at 3 V
2.7 V to 5.5 V power supply
−40°C to +105°C temperature range
APPLICATIONS
Optical transceivers
Base-station power amplifiers
Process control (PLC I/O cards)
Industrial automation
Data acquisition systems
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The AD5686R/AD5685R/AD5684R, members of the
nanoDAC+® family, are low power, quad, 16-/14-/12-bit
buffered voltage output DACs. The devices include a 2.5 V,
2 ppm/°C internal reference (enabled by default) and a gain
select pin giving a full-scale output of 2.5 V (gain = 1) or 5 V
(gain = 2). All devices operate from a single 2.7 V to 5.5 V
supply, are guaranteed monotonic by design, and exhibit less
than 0.1% FSR gain error and 1.5 mV offset error performance.
The devices are available in a 3 mm × 3 mm LFCSP and a
TSSOP package.
The AD5686R/AD5685R/AD5684R also incorporate a power-
on reset circuit and a RSTSEL pin that ensures that the DAC
outputs power up to zero scale or midscale and remains there
until a valid write takes place. Each part contains a per-channel
power-down feature that reduces the current consumption of
the device to 4 μA at 3 V while in power-down mode.
The AD5686R/AD5685R/AD5684R employ a versatile SPI
interface that operates at clock rates up to 50 MHz, and all
devices contain a VLOGIC pin intended for 1.8 V/3 V/5 V logic.
Table 1. Quad nanoDAC+ Devices
Interface
Reference
16-Bit
14-Bit
12-Bit
SPI
Internal
AD5686R
AD5685R
AD5684R
I2C
Internal
AD5696R
AD5695R
AD5694R
PRODUCT HIGHLIGHTS
1.
High Relative Accuracy (INL).
AD5686R (16-bit): ±2 LSB maximum
AD5685R (14-bit): ±1 LSB maximum
AD5684R (12-bit): ±1 LSB maximum
2.
Low Drift 2.5 V On-Chip Reference.
2 ppm/°C typical temperature coefficient
5 ppm/°C maximum temperature coefficient
3.
Two Package Options.
3 mm × 3 mm, 16-lead LFCSP
16-lead TSSOP
SCLK
VLOGIC
SYNC
SDIN
SDO
INPUT
REGISTER
DAC
REGISTER
STRING
DAC A
BUFFER
VOUTA
INPUT
REGISTER
DAC
REGISTER
STRING
DAC B
BUFFER
VOUTB
INPUT
REGISTER
DAC
REGISTER
STRING
DAC C
BUFFER
VOUTC
INPUT
REGISTER
DAC
REGISTER
STRING
DAC D
BUFFER
VOUTD
VREF
GND
VDD
2.5V
REFERENCE
POWER-
DOWN
LOGIC
POWER-ON
RESET
GAIN
×1/×2
RSTSEL
GAIN
LDAC RESET
AD5686R/AD5685R/AD5684R


Similar Part No. - AD5685R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5685R AD-AD5685R Datasheet
761Kb / 32P
   Quad 16-/14-/12-Bit nanoDAC
REV. 0
AD5685R AD-AD5685R Datasheet
664Kb / 24P
   Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
AD5685R AD-AD5685R Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5685RARUZ AD-AD5685RARUZ Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5685RARUZ-RL7 AD-AD5685RARUZ-RL7 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
More results

Similar Description - AD5685R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5696R AD-AD5696R Datasheet
761Kb / 32P
   Quad 16-/14-/12-Bit nanoDAC
REV. 0
AD5686 AD-AD5686 Datasheet
746Kb / 27P
   Quad, 16-/12-Bit nanoDAC
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
AD5623R AD-AD5623R_15 Datasheet
1Mb / 32P
   Dual 12-/14-/16-Bit nanoDAC
AD5683R AD-AD5683R Datasheet
882Kb / 28P
   Tiny 16-/14-/12-Bit SPI nanoDAC
AD5696 AD-AD5696 Datasheet
748Kb / 24P
   Quad 16-/12-Bit nanoDAC I2C Interface
AD5693R AD-AD5693R Datasheet
867Kb / 26P
   Tiny 16-/14-/12-Bit I2C nanoDAC
AD5024 AD-AD5024_16 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
AD5694ARUZ AD-AD5694ARUZ Datasheet
664Kb / 24P
   Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com