Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8222 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8222
Description  Low Noise, Low Gain Drift, G = 2000
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8222 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8222 Datasheet HTML 6Page - Analog Devices AD8222 Datasheet HTML 7Page - Analog Devices AD8222 Datasheet HTML 8Page - Analog Devices AD8222 Datasheet HTML 9Page - Analog Devices AD8222 Datasheet HTML 10Page - Analog Devices AD8222 Datasheet HTML 11Page - Analog Devices AD8222 Datasheet HTML 12Page - Analog Devices AD8222 Datasheet HTML 13Page - Analog Devices AD8222 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8428
Data Sheet
Rev. A | Page 10 of 20
100
0
–40
125
TEMPERATURE (°C)
10
20
30
40
50
60
70
80
90
–25
–10
5
20355065
80
95
110
+SR
–SR
Figure 21. Slew Rate vs. Temperature, VS = ±15 V
100
0
–40
125
TEMPERATURE (°C)
10
20
30
40
50
60
70
80
90
–25
–10
5
20355065
80
95
110
+SR
–SR
Figure 22. Slew Rate vs. Temperature, VS = ±5 V
+VS
–0.5
+0.5
–1.0
+1.0
–1.5
–2.0
–2.5
+1.5
+2.0
+2.5
–VS
46
8
10
18
16
14
12
SUPPLY VOLTAGE (±VS)
–40°C
+25°C
+85°C
+125°C
Figure 23. Input Voltage Limit vs. Supply Voltage
+VS
–VS
4
SUPPLY VOLTAGE (±VS)
5
6789
10
11
12
13
14
15
17
16
–0.4
–0.8
–1.2
+0.4
+0.8
+1.2
+1.6
+2.0
–40°C
+25°C
+85°C
+125°C
Figure 24. Output Voltage Swing vs. Supply Voltage, RL = 10 kΩ
+VS
–VS
4
SUPPLY VOLTAGE (±VS)
5
6
7
8
9
10
11
12
13
14
15
17
16
–0.4
–0.8
–1.2
+0.4
+0.8
+1.2
+1.6
+2.0
–40°C
+25°C
+85°C
+125°C
Figure 25. Output Voltage Swing vs. Supply Voltage, RL = 2 kΩ
15
0
–15
–10
–5
5
10
100
1k
10k
100k
LOAD RESISTANCE (Ω)
–40°C
+25°C
+85°C
+125°C
Figure 26. Output Voltage Swing vs. Load Resistance, VS = ±15 V


Similar Part No. - AD8222

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8222 AD-AD8222 Datasheet
595Kb / 24P
   Precision, Dual-Channel Instrumentation Amplifier
REV. 0
AD8222 AD-AD8222 Datasheet
217Kb / 10P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
Rev. prA
AD8222 AD-AD8222 Datasheet
417Kb / 24P
   Precision, Dual-Channel Instrumentation Amplifier
REV. A
AD8222 AD-AD8222 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8222 AD-AD8222 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
More results

Similar Description - AD8222

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8428 AD-AD8428 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
logo
Texas Instruments
INA166 TI1-INA166_08 Datasheet
333Kb / 11P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166 TI-INA166 Datasheet
148Kb / 9P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166 TI-INA166_06 Datasheet
147Kb / 9P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
REF5040IDGK TI-REF5040IDGK Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift Precision
logo
Analog Devices
MAX6078A AD-MAX6078A Datasheet
3Mb / 18P
   Low-Power, Low-Drift,Low-Noise Voltage Reference
Rev 3 6/23
AD8228 AD-AD8228 Datasheet
581Kb / 24P
   Low Gain Drift Precision Instrumentation Amplifier
REV. 0
logo
Linear Technology
LTC6652AHMS8-2.5 LINER-LTC6652AHMS8-2.5 Datasheet
381Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
logo
Analog Devices
AD8228 AD-AD8228_16 Datasheet
550Kb / 25P
   Low Gain Drift Precision Instrumentation Amplifier
AD645 AD-AD645 Datasheet
439Kb / 8P
   Low Noise, Low Drift FET Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com