Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5412 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5412
Description  Low Power HART Modem
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5412 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5412 Datasheet HTML 6Page - Analog Devices AD5412 Datasheet HTML 7Page - Analog Devices AD5412 Datasheet HTML 8Page - Analog Devices AD5412 Datasheet HTML 9Page - Analog Devices AD5412 Datasheet HTML 10Page - Analog Devices AD5412 Datasheet HTML 11Page - Analog Devices AD5412 Datasheet HTML 12Page - Analog Devices AD5412 Datasheet HTML 13Page - Analog Devices AD5412 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5700/AD5700-1
Data Sheet
Rev. A | Page 10 of 20
Figure 9. Supply Currents vs. Supply Voltage—Internal Reference
Figure 10. Current in Tx Mode vs. Resistive Load
Figure 11. Current in Tx Mode vs. Capacitive Load
Figure 12. Input Filter Frequency Response
Figure 13. Reference Voltage vs. VCC
Figure 14. Reference Voltage vs. Temperature
200
180
160
140
120
100
80
60
40
20
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VCC = IOVCC (V)
TA = 25°C
VCC = IOVCC = 2V TO 5.5V
DEV 1 INT REF
DEMOD ICC AND IOICC
MOD ICC AND IOICC
700
600
500
400
300
200
100
0
0
200
400
600
800
1000
1200
RLOAD (Ω) WITH 22nF TO GND
HART_OUT
2.2µF
22nF
RLOAD
TXD = 1
TXD = 0
TA = 25°C; VCC = IOVCC = 3.3V; INT VREF
CLK CONFIG = XTAL OSCILLATOR
IOICC = 41µA
250
225
200
175
150
125
100
75
50
25
0
0
1020
30
4050
60
CLOAD (nF)
TA = 25°C; VCC = IOVCC = 3.3V; INT VREF
CLK CONFIG = XTAL OSCILLATOR
CAPACITIVE LOAD ONLY
IOICC = 41µA
TXD = 1
TXD = 0
0
–2
–4
–6
–8
–10
–12
–14
–16
–20
–18
100
1k
10k
FREQUENCY (Hz)
EXTERNAL FILTER
INTERNAL FILTER
TA = 25°C
VCC = IOVCC = 3.3V
INT VREF
1.5012
1.5010
1.5008
1.5006
1.5004
1.5002
1.5000
1.4998
1.4996
1.01.52.02.5
3.03.54.04.55.0
5.5
6.0
VCC (V)
TA = 25°C
VCC = IOVCC = 2V TO 5.5V
1.5006
1.5004
1.5002
1.5000
1.4998
1.4996
1.4994
1.4992
1.4990
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VCC = IOVCC = 2.7V
TEMPERATURE = –40°C TO +125°C


Similar Part No. - AD5412

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5412 AD-AD5412 Datasheet
276Kb / 29P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5412 AD-AD5412 Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5412 AD-AD5412 Datasheet
1Mb / 40P
   Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
AD5412ACPZ AD-AD5412ACPZ Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5412ACPZ-REEL AD-AD5412ACPZ-REEL Datasheet
1Mb / 40P
   Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
More results

Similar Description - AD5412

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5700 AD-AD5700_13 Datasheet
564Kb / 24P
   Low Power HART Modem
Rev. D
logo
ON Semiconductor
A5191HRT ONSEMI-A5191HRT_11 Datasheet
198Kb / 14P
   HART Modem
December, 2011 ??Rev. 5
NCN5193 ONSEMI-NCN5193 Datasheet
200Kb / 14P
   HART Modem
June, 2014 ??Rev. P4
NCN5192 ONSEMI-NCN5192 Datasheet
309Kb / 13P
   HART Modem
October, 2011 ??Rev. 2
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500 Datasheet
107Kb / 6P
   HART Modem
Rev 0; 10/08
logo
ON Semiconductor
NCN5192 ONSEMI-NCN5192_14 Datasheet
247Kb / 13P
   HART Modem
February, 2014 ??Rev. 3
NCN5193 ONSEMI-NCN5193_16 Datasheet
198Kb / 14P
   HART Modem
March, 2016 ??Rev. 1
A5191HRTPG ONSEMI-A5191HRTPG Datasheet
199Kb / 14P
   HART Modem
March, 2013 ??Rev. 6
A5191HRT ONSEMI-A5191HRT_16 Datasheet
160Kb / 14P
   HART Modem
September, 2016 ??Rev. 9
NCN5193 ONSEMI-NCN5193_3 Datasheet
199Kb / 14P
   HART Modem
September, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com