Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5760 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5760
Description  System Ready, 18-Bit 짹1 LSB INL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5760 Datasheet(HTML) 3 Page - Analog Devices

  AD5760 Datasheet HTML 1Page - Analog Devices AD5760 Datasheet HTML 2Page - Analog Devices AD5760 Datasheet HTML 3Page - Analog Devices AD5760 Datasheet HTML 4Page - Analog Devices AD5760 Datasheet HTML 5Page - Analog Devices AD5760 Datasheet HTML 6Page - Analog Devices AD5760 Datasheet HTML 7Page - Analog Devices AD5760 Datasheet HTML 8Page - Analog Devices AD5760 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD5780
Rev. C | Page 3 of 28
SPECIFICATIONS
VDD = 12.5 V to 16.5 V, VSS = −16.5 V to −12.5 V, VREFP = 10 V, VREFN = −10 V, VCC = 2.7 V to 5.5 V, IOVCC = 1.71 V to 5.5 V,
RL = unloaded, CL = unloaded, TMIN to TMAX, unless otherwise noted.
Table 2.
A, B Versions1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE2
Resolution
18
Bits
Integral Nonlinearity Error (Relative
Accuracy)
−0.85
+0.85
LSB
B grade, VREFP = +10 V, VREFN = −10 V,
TA = 25°C
−1
+1
LSB
B grade, VREFx = ±10 V, +10 V, and +5 V
−2
+2
LSB
A grade, VREFx = ±10 V, +10 V, and +5 V
Differential Nonlinearity Error
−0.25
+0.75
LSB
B grade, VREFx = ±10 V, +10 V, and +5 V
−1
+1
LSB
A grade, VREFx = ±10 V, +10 V, and +5 V
Long-Term Linearity Error Stability3
0.025
LSB
After 750 hours at TA = 135°C
Full-Scale Error
−3
±0.95
+3
LSB
VREFP = +10 V, VREFN = −10 V
−5.5
±0.675
+0.5
LSB
VREFP = 10 V, VREFN = 0 V
−10
±0.45
+10
LSB
VREFP = 5 V, VREFN = 0 V
Full-Scale Error Temperature Coefficient
±0.026
ppm/°C
VREFP = +10 V, VREFN = −10 V
Zero-Scale Error
−4.8
±0.325
+4.8
LSB
VREFP = +10 V, VREFN = −10 V
−10
±0.175
+10
LSB
VREFP = 10 V, VREFN = 0 V
−20.5
±0.225
+20.5
LSB
VREFP = 5 V, VREFN = 0 V
Zero-Scale Error Temperature
Coefficient
±0.025
ppm/°C
VREFP = +10 V, VREFN = −10 V
Gain Error
−19
±2.3
+19
ppm FSR
VREFP = +10 V, VREFN = −10 V
−35
±1.9
+35
ppm FSR
VREFP = 10 V, VREFN = 0 V
−68
±0.9
+68
ppm FSR
VREFP = 5 V, VREFN = 0 V
Gain Error Temperature Coefficient
±0.018
ppm/°C
VREFP = +10 V, VREFN = −10 V
R1, RFB Matching
0.015
%
OUTPUT CHARACTERISTICS
Output Voltage Range
VREFN
VREFP
V
Output Voltage Settling Time
2.5
μs
10 V step to 0.02%, using the ADA4898-1
buffer in unity-gain mode
3.5
μs
500 code step to ±1 LSB4
Output Noise Spectral Density
8
nV/√Hz
At 1 kHz, DAC code = midscale
8
nV/√Hz
At 10 kHz, DAC code = midscale
Output Voltage Noise
1.1
μV p-p
DAC code = midscale, 0.1 Hz to
10 Hz bandwidth
Midscale Glitch Impulse4
14
nV-sec
VREFP = +10 V, VREFN = −10 V
3.5
nV-sec
VREFP = 10 V, VREFN = 0 V
4
nV-sec
VREFP = 5 V, VREFN = 0 V
MSB Segment Glitch Impulse4
14
nV-sec
VREFP = +10 V, VREFN = −10 V, see Figure 43
3.5
nV-sec
VREFP = 10 V, VREFN = 0 V, see Figure 44
4
nV-sec
VREFP = 5 V, VREFN = 0 V, see Figure 45
Output Enabled Glitch Impulse
57
nV-sec
On removal of output ground clamp
Digital Feedthrough
0.27
nV-sec
DC Output Impedance (Normal Mode)
3.4
DC Output Impedance (Output
Clamped to Ground)
6


Similar Part No. - AD5760

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5760 AD-AD5760 Datasheet
554Kb / 32P
   Ultra Stable, 16-Bit 짹0.5 LSB INL
REV. B
AD5760 AD-AD5760 Datasheet
882Kb / 28P
   System Ready, 20-Bit, 짹2LSB INL
REV. B
AD5760 AD-AD5760 Datasheet
595Kb / 27P
   Voltage Output DAC
AD5760ACPZ AD-AD5760ACPZ Datasheet
554Kb / 32P
   Ultra Stable, 16-Bit 짹0.5 LSB INL
REV. B
AD5760ACPZ AD-AD5760ACPZ Datasheet
595Kb / 27P
   Voltage Output DAC
More results

Similar Description - AD5760

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5790 AD-AD5790 Datasheet
882Kb / 28P
   System Ready, 20-Bit, 짹2LSB INL
REV. B
AD5791ARUZ AD-AD5791ARUZ Datasheet
831Kb / 28P
   1 ppm 20-Bit, 짹1 LSB INL, Voltage Output DAC
REV. C
AD7690 AD-AD7690_15 Datasheet
587Kb / 24P
   18-Bit, 1.5 LSB INL, 400 kSPS PulSAR
REV. C
AD7691 AD-AD7691_15 Datasheet
693Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. D
AD7674 AD-AD7674_15 Datasheet
1,012Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. A
AD7674ACP AD-AD7674ACP Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7679 AD-AD7679 Datasheet
556Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. 0
AD5781 AD-AD5781 Datasheet
854Kb / 28P
   True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
AD7678 AD-AD7678_15 Datasheet
362Kb / 28P
   18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
REV. A
AD7679 AD-AD7679_15 Datasheet
620Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com