Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5780ACPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD5780ACPZ
Description  System Ready, 18-Bit 짹1 LSB INL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5780ACPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5780ACPZ Datasheet HTML 6Page - Analog Devices AD5780ACPZ Datasheet HTML 7Page - Analog Devices AD5780ACPZ Datasheet HTML 8Page - Analog Devices AD5780ACPZ Datasheet HTML 9Page - Analog Devices AD5780ACPZ Datasheet HTML 10Page - Analog Devices AD5780ACPZ Datasheet HTML 11Page - Analog Devices AD5780ACPZ Datasheet HTML 12Page - Analog Devices AD5780ACPZ Datasheet HTML 13Page - Analog Devices AD5780ACPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5780
Data Sheet
Rev. C | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
50000
100000
150000
200000
250000
300000
DAC CODE
VREFP = +5V
VREFN = 0V
VDD = +15V
VSS = –15V
AD8675 OUTPUT BUFFER
TA = 25°C
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
50000
100000
150000
200000
250000
300000
AD8675 OUTPUT BUFFER
TA = 25°C
DAC CODE
VREFP = +10V
VREFN = –10V
VDD = +15V
VSS = –15V
Figure 6. Integral Nonlinearity Error vs. DAC Code, ±10 V Span
Figure 9. Integral Nonlinearity Error vs. DAC Code, 5 V Span, ×2 Gain Mode
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
50000
100000
150000
200000
250000
300000
DAC CODE
VREFP = +10V
VREFN = –10V
VDD = +15V
VSS = –15V
AD8675 OUTPUT BUFFER
TA = 25°C
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0
50000
100000
150000
200000
250000
300000
AD8675 OUTPUT BUFFER
TA = 25°C
DAC CODE
VREFP = +10V
VREFN = 0V
VDD = +15V
VSS = –15V
Figure 7. Integral Nonlinearity Error vs. DAC Code, 10 V Span
Figure 10. Differential Nonlinearity Error vs. DAC Code, ±10 V Span
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
50000
100000
150000
200000
250000
300000
DAC CODE
AD8675 OUTPUT BUFFER
TA = 25°C
VREFP = +5V
VREFN = 0V
VDD = +15V
VSS = –15V
–0.7
–0.5
–0.3
–0.1
0.1
0.3
0.5
0.7
0
50000
100000
150000
200000
250000
300000
AD8675 OUTPUT BUFFER
TA = 25°C
DAC CODE
VREFP = +10V
VREFN = 0V
VDD = +15V
VSS = –15V
Figure 8. Integral Nonlinearity Error vs. DAC Code, 5 V Span
Figure 11. Differential Nonlinearity Error vs. DAC Code, 10 V Span


Similar Part No. - AD5780ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5780ACPZ AD-AD5780ACPZ Datasheet
668Kb / 27P
   Voltage Output DAC
AD5780ACPZ-REEL7 AD-AD5780ACPZ-REEL7 Datasheet
668Kb / 27P
   Voltage Output DAC
More results

Similar Description - AD5780ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5790 AD-AD5790 Datasheet
882Kb / 28P
   System Ready, 20-Bit, 짹2LSB INL
REV. B
AD5791ARUZ AD-AD5791ARUZ Datasheet
831Kb / 28P
   1 ppm 20-Bit, 짹1 LSB INL, Voltage Output DAC
REV. C
AD7690 AD-AD7690_15 Datasheet
587Kb / 24P
   18-Bit, 1.5 LSB INL, 400 kSPS PulSAR
REV. C
AD7691 AD-AD7691_15 Datasheet
693Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. D
AD7674 AD-AD7674_15 Datasheet
1,012Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. A
AD7674ACP AD-AD7674ACP Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7679 AD-AD7679 Datasheet
556Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. 0
AD5781 AD-AD5781 Datasheet
854Kb / 28P
   True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
AD7678 AD-AD7678_15 Datasheet
362Kb / 28P
   18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
REV. A
AD7679 AD-AD7679_15 Datasheet
620Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com