Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB80C517A-N18-T3 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # SAB80C517A-N18-T3
Description  8-Bit CMOS Single-Chip Microcontroller
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB80C517A-N18-T3 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button SAB80C517A-N18-T3 Datasheet HTML 4Page - Siemens Semiconductor Group SAB80C517A-N18-T3 Datasheet HTML 5Page - Siemens Semiconductor Group SAB80C517A-N18-T3 Datasheet HTML 6Page - Siemens Semiconductor Group SAB80C517A-N18-T3 Datasheet HTML 7Page - Siemens Semiconductor Group SAB80C517A-N18-T3 Datasheet HTML 8Page - Siemens Semiconductor Group SAB80C517A-N18-T3 Datasheet HTML 9Page - Siemens Semiconductor Group SAB80C517A-N18-T3 Datasheet HTML 10Page - Siemens Semiconductor Group SAB80C517A-N18-T3 Datasheet HTML 11Page - Siemens Semiconductor Group SAB80C517A-N18-T3 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
SAB 80C517A/83C517A-5
Semiconductor Group
7
1994-05-01
Pin Definitions and Functions
Symbol
Pin Number
I/O *)
Function
P-LCC-84
P-MQFP-100-2
P4.0 – P4.7 1– 3, 5 – 9
64 - 66,
68 - 72
I/O
Port 4
is a bidirectional I/O port with internal
pull-up resistors. Port 4 pins that have 1
s written to them are pulled high by the
internal pull-up resistors, and in that
state can be used as inputs. As inputs,
port 4 pins being externally pulled low
will source current (IIL, in the DC char-
acteristics) because of the internal pull-
up resistors.
This port also serves alternate compare
functions. The secondary functions are
assigned to the pins of port 4 as follows:
– CM0 (P4.0): Compare Channel 0
– CM1 (P4.1): Compare Channel 1
– CM2 (P4.2): Compare Channel 2
– CM3 (P4.3): Compare Channel 3
– CM4 (P4.4): Compare Channel 4
– CM5 (P4.5): Compare Channel 5
– CM6 (P4.6): Compare Channel 6
– CM7 (P4.7): Compare Channel 7
PE/SWD
4
67
I
Power saving modes enable Start
Watchdog Timer
A low level on this pin allows the soft-
ware to enter the power down, idle and
slow down mode. In case the low level
is also seen during reset, the watchdog
timer function is off on default.
Use of the software controlled power
saving modes is blocked, when this pin
is held on high level. A high level during
reset performs an automatic start of the
watchdog timer immediately after reset.
When left unconnected this pin is pulled
high by a weak internal pull-up resistor.
* I = Input
O = Output


Similar Part No. - SAB80C517A-N18-T3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB80C517A-N18-T3 SIEMENS-SAB80C517A-N18-T3 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
More results

Similar Description - SAB80C517A-N18-T3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com