Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9634BCPZ-210 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9634BCPZ-210
Description  12-Bit, 170 MSPS/210 MSPS/250 MSPS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9634BCPZ-210 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9634BCPZ-210 Datasheet HTML 6Page - Analog Devices AD9634BCPZ-210 Datasheet HTML 7Page - Analog Devices AD9634BCPZ-210 Datasheet HTML 8Page - Analog Devices AD9634BCPZ-210 Datasheet HTML 9Page - Analog Devices AD9634BCPZ-210 Datasheet HTML 10Page - Analog Devices AD9634BCPZ-210 Datasheet HTML 11Page - Analog Devices AD9634BCPZ-210 Datasheet HTML 12Page - Analog Devices AD9634BCPZ-210 Datasheet HTML 13Page - Analog Devices AD9634BCPZ-210 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD9634
Rev. 0 | Page 10 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24 CSB
23 SCLK
22 SDIO
21 DCO+
20 DCO–
19 D10+/D11+ (MSB)
18 D10–/D11– (MSB)
17 DRVDD
1
2
3
4
5
6
7
8
CLK+
CLK–
AVDD
OR–
OR+
D0–/D1– (LSB)
D0+/D1+ (LSB)
DRVDD
AD9634
TOP VIEW
(Not to Scale)
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED THERMAL PADDLE ON THE BOTTOM OF THE PACKAGE
PROVIDES THE ANALOG GROUND FOR THE PART. THIS EXPOSED
PADDLE MUST BE CONNECTED TO GROUND FOR PROPER OPERATION.
Figure 3. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
ADC Power Supplies
8, 17
DRVDD
Supply
Digital Output Driver Supply (1.8 V Nominal).
3, 27, 28, 31, 32
AVDD
Supply
Analog Power Supply (1.8 V Nominal).
0
AGND, Exposed
Paddle
Ground
Analog Ground. The exposed thermal paddle on the bottom of the
package provides the analog ground for the part. This exposed paddle
must be connected to ground for proper operation.
25
DNC
Do No Connect. Do not connect to this pin.
ADC Analog
30
VIN+
Input
Differential Analog Input Pin (+).
29
VIN−
Input
Differential Analog Input Pin (−).
26
VCM
Output
Common-Mode Level Bias Output for Analog Inputs. This pin should be
decoupled to ground using a 0.1 μF capacitor.
1
CLK+
Input
ADC Clock Input—True.
2
CLK−
Input
ADC Clock Input—Complement.
Digital Outputs
5
OR+
Output
Overrange—True.
4
OR−
Output
Overrange—Complement.
7
D0+/D1+ (LSB)
Output
DDR LVDS Output Data 0/Data 1—True (LSB).
6
D0−/D1− (LSB)
Output
DDR LVDS Output Data 0/Data 1—Complement (LSB).
10
D2+/D3+
Output
DDR LVDS Output Data 2/Data 3—True.
9
D2−/D3−
Output
DDR LVDS Output Data 2/Data 3—Complement.
12
D4+/D5+
Output
DDR LVDS Output Data 4/Data 5—True.
11
D4−/D5−
Output
DDR LVDS Output Data 4/Data 5—Complement.
14
D6+/D7+
Output
DDR LVDS Output Data 6/Data 7—True.
13
D6−/D7−
Output
DDR LVDS Output Data 6/Data 7—Complement.
16
D8+/D9+
Output
DDR LVDS Output Data 8/Data 9—True.
15
D8−/D9−
Output
DDR LVDS Output Data 8/Data 9—Complement.
19
D10+/D11+ (MSB)
Output
DDR LVDS Output Data 10/Data 11—True (MSB).
18
D10−/ D11− (MSB)
Output
DDR LVDS Output Data 10/Data 11—Complement (MSB).
21
DCO+
Output
LVDS Data Clock Output—True.
20
DCO−
Output
LVDS Data Clock Output—Complement.


Similar Part No. - AD9634BCPZ-210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9634BCPZ-210 AD-AD9634BCPZ-210 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9634BCPZ-210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9239 AD-AD9239 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9639BCPZ-170 AD-AD9639BCPZ-170 Datasheet
855Kb / 36P
   Quad, 12-Bit, 170 MSPS/210 MSPS Serial Output 1.8 V ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com