Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7942 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7942
Description  16-Bit Lower Power
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7942 Datasheet(HTML) 4 Page - Analog Devices

  AD7942 Datasheet HTML 1Page - Analog Devices AD7942 Datasheet HTML 2Page - Analog Devices AD7942 Datasheet HTML 3Page - Analog Devices AD7942 Datasheet HTML 4Page - Analog Devices AD7942 Datasheet HTML 5Page - Analog Devices AD7942 Datasheet HTML 6Page - Analog Devices AD7942 Datasheet HTML 7Page - Analog Devices AD7942 Datasheet HTML 8Page - Analog Devices AD7942 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD7988-1/AD7988-5
Data Sheet
Rev. B | Page 4 of 24
VDD = 2.5 V, VIO = 2.3 V to 5.5 V, VREF = 5 V, TA = –40°C to +125°C, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
REFERENCE
Voltage Range
2.4
5.1
V
Load Current
VREF = 5 V
250
µA
SAMPLING DYNAMICS
−3 dB Input Bandwidth
10
MHz
Aperture Delay
VDD = 2.5 V
2.0
ns
DIGITAL INPUTS
Logic Levels
VIL
VIO > 3 V
–0.3
0.3 × VIO
V
VIH
VIO > 3 V
0.7 × VIO
VIO + 0.3
V
VIL
VIO ≤ 3 V
–0.3
0.1 × VIO
V
VIH
VIO ≤ 3 V
0.9 × VIO
VIO + 0.3
V
IIL
−1
+1
µA
IIH
−1
+1
µA
DIGITAL OUTPUTS
Data Format
Serial 16 bits straight binary
Pipeline Delay
Conversion results available immediately
after completed conversion
VOL
ISINK = 500 µA
0.4
V
VOH
ISOURCE = −500 µA
VIO − 0.3
V
POWER SUPPLIES
VDD
2.375
2.5
2.625
V
VIO
Specified performance
2.3
5.5
V
VIO Range
1.8
5.5
V
Standby Current1, 2
VDD and VIO = 2.5 V, 25°C
0.35
nA
AD7988-1 Power Dissipation
10 kSPS throughput
70
µW
100 kSPS throughput
700
µW
1
mW
AD7988-5 Power Dissipation
500 kSPS throughput
3.5
5
mW
Energy per Conversion
7.0
nJ/sample
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+125
°C
1
With all digital inputs forced to VIO or GND as required.
2
During the acquisition phase.


Similar Part No. - AD7942

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7942 AD-AD7942 Datasheet
480Kb / 20P
   3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. 0
AD7942 AD-AD7942 Datasheet
526Kb / 24P
   16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. PrB
AD7942 AD-AD7942 Datasheet
555Kb / 24P
   14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN
REV. B
AD7942 AD-AD7942 Datasheet
292Kb / 12P
   16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7942 AD-AD7942 Datasheet
421Kb / 16P
   16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
More results

Similar Description - AD7942

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7988-1 AD-AD7988-1_17 Datasheet
577Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
AD7988-1_1208 AD-AD7988-1_1208 Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
logo
Integrated Device Techn...
IDT71V256SA IDT-IDT71V256SA_04 Datasheet
478Kb / 8P
   Lower Power 3.3V CMOS Fast SRAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71V256SA RENESAS-71V256SA Datasheet
190Kb / 9P
   Lower Power 3.3V CMOS Fast SRAM 256K (32K x 8-Bit)
Jun.02.20
logo
Kersemi Electronic Co.,...
MBR1090CT KERSEMI-MBR1090CT Datasheet
1Mb / 4P
   Lower power losses, high efficiency
logo
LAPIS Semiconductor Co....
ML620Q503H LAPIS-ML620Q503H Datasheet
903Kb / 35P
   Ultra Low Power 16-bit Microcontrolle
logo
List of Unclassifed Man...
ML620Q538 ETC2-ML620Q538 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Texas Instruments
DAC8571IDGKRG4 TI1-DAC8571IDGKRG4 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, LOW POWER, VOLTAGE OUTPUT
logo
List of Unclassifed Man...
ML620Q546 ETC2-ML620Q546 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com