Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7942 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7942
Description  16-Bit Lower Power
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7942 Datasheet(HTML) 5 Page - Analog Devices

  AD7942 Datasheet HTML 1Page - Analog Devices AD7942 Datasheet HTML 2Page - Analog Devices AD7942 Datasheet HTML 3Page - Analog Devices AD7942 Datasheet HTML 4Page - Analog Devices AD7942 Datasheet HTML 5Page - Analog Devices AD7942 Datasheet HTML 6Page - Analog Devices AD7942 Datasheet HTML 7Page - Analog Devices AD7942 Datasheet HTML 8Page - Analog Devices AD7942 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
AD7988-1/AD7988-5
Rev. B | Page 5 of 24
TIMING SPECIFICATIONS
VDD = 2.37 V to 2.63 V, VIO = 3.3 V to 5.5 V, −40°C to +125°C unless otherwise stated. See Figure 2 and Figure 3 for load conditions.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
AD7988-1
Throughput Rate
100
kHz
Conversion Time: CNV Rising Edge to Data Available
tCONV
9.5
μs
Acquisition Time
tACQ
500
ns
Time Between Conversions
tCYC
10
μs
AD7988-5
Throughput Rate
500
kHz
Conversion Time: CNV Rising Edge to Data Available
tCONV
1.6
μs
Acquisition Time
tACQ
400
ns
Time Between Conversions
tCYC
2
μs
CNV Pulse Width (CS Mode)
tCNVH
500
ns
SCK Period (CS Mode)
tSCK
VIO Above 4.5 V
10.5
ns
VIO Above 3 V
12
ns
VIO Above 2.7 V
13
ns
VIO Above 2.3 V
15
ns
SCK Period (Chain Mode)
tSCK
VIO Above 4.5 V
11.5
ns
VIO Above 3 V
13
ns
VIO Above 2.7 V
14
ns
VIO Above 2.3 V
16
ns
SCK Low Time
tSCKL
4.5
ns
SCK High Time
tSCKH
4.5
ns
SCK Falling Edge to Data Remains Valid
tHSDO
3
ns
SCK Falling Edge to Data Valid Delay
tDSDO
VIO Above 4.5 V
9.5
ns
VIO Above 3 V
11
ns
VIO Above 2.7 V
12
ns
VIO Above 2.3 V
14
ns
CNV or SDI Low to SDO D15 MSB Valid (CS Mode)
tEN
VIO Above 3 V
10
ns
VIO Above 2.3V
15
ns
CNV or SDI High or Last SCK Falling Edge to SDO High Impedance (CS Mode)
tDIS
20
ns
SDI Valid Setup Time from CNV Rising Edge
tSSDICNV
5
ns
SDI Valid Hold Time from CNV Rising Edge (CS Mode)
tHSDICNV
2
ns
SDI Valid Hold Time from CNV Rising Edge (Chain Mode)
tHSDICNV
0
ns
SCK Valid Setup Time from CNV Rising Edge (Chain Mode)
tSSCKCNV
5
ns
SCK Valid Hold Time from CNV Rising Edge (Chain Mode)
tHSCKCNV
5
ns
SDI Valid Setup Time from SCK Falling Edge (Chain Mode)
tSSDISCK
2
ns
SDI Valid Hold Time from SCK Falling Edge (Chain Mode)
tHSDISCK
3
ns


Similar Part No. - AD7942

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7942 AD-AD7942 Datasheet
480Kb / 20P
   3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. 0
AD7942 AD-AD7942 Datasheet
526Kb / 24P
   16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. PrB
AD7942 AD-AD7942 Datasheet
555Kb / 24P
   14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN
REV. B
AD7942 AD-AD7942 Datasheet
292Kb / 12P
   16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7942 AD-AD7942 Datasheet
421Kb / 16P
   16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
More results

Similar Description - AD7942

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7988-1 AD-AD7988-1_17 Datasheet
577Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
AD7988-1_1208 AD-AD7988-1_1208 Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
logo
Integrated Device Techn...
IDT71V256SA IDT-IDT71V256SA_04 Datasheet
478Kb / 8P
   Lower Power 3.3V CMOS Fast SRAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71V256SA RENESAS-71V256SA Datasheet
190Kb / 9P
   Lower Power 3.3V CMOS Fast SRAM 256K (32K x 8-Bit)
Jun.02.20
logo
Kersemi Electronic Co.,...
MBR1090CT KERSEMI-MBR1090CT Datasheet
1Mb / 4P
   Lower power losses, high efficiency
logo
LAPIS Semiconductor Co....
ML620Q503H LAPIS-ML620Q503H Datasheet
903Kb / 35P
   Ultra Low Power 16-bit Microcontrolle
logo
List of Unclassifed Man...
ML620Q538 ETC2-ML620Q538 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Texas Instruments
DAC8571IDGKRG4 TI1-DAC8571IDGKRG4 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, LOW POWER, VOLTAGE OUTPUT
logo
List of Unclassifed Man...
ML620Q546 ETC2-ML620Q546 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com