Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4432-1 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4432-1
Description  SD Video Filter Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4432-1 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4432-1 Datasheet HTML 5Page - Analog Devices ADA4432-1 Datasheet HTML 6Page - Analog Devices ADA4432-1 Datasheet HTML 7Page - Analog Devices ADA4432-1 Datasheet HTML 8Page - Analog Devices ADA4432-1 Datasheet HTML 9Page - Analog Devices ADA4432-1 Datasheet HTML 10Page - Analog Devices ADA4432-1 Datasheet HTML 11Page - Analog Devices ADA4432-1 Datasheet HTML 12Page - Analog Devices ADA4432-1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
ADA4432-1/ADA4433-1
Rev. A | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
ADA4432-1 TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, +VS = 3.3 V, RL = 150 Ω, unless otherwise specified.
Figure 7. Frequency Response at Various Output Amplitudes
Figure 8. Large Signal Frequency Response at Various Temperatures
Figure 9. 1 dB Flatness Response at Various Load Resistances
Figure 10. 1 dB Flatness Response at Various Output Amplitudes
Figure 11. 1 dB Flatness Response at Various Temperatures
Figure 12. Group Delay vs. Frequency
–66
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
6
12
0.1
1
10
100
FREQUENCY (MHz)
VOUT = 2.0V p-p
VOUT = 0.2V p-p
–66
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
6
12
0.1
1
10
100
+125°C
+25°C
–40°C
FREQUENCY (MHz)
VOUT = 2.0V p-p
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
0.1
1
10
FREQUENCY (MHz)
RLOAD = 75Ω
RLOAD = 100Ω
RLOAD = 150Ω
VOUT = 2.0V p-p
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
0.1
1
10
100
FREQUENCY (MHz)
VOUT = 2.0V p-p
VOUT = 0.2V p-p
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
0.1
1
10
100
FREQUENCY (MHz)
VOUT = 2.0V p-p
+125°C
–40°C
+25°C
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
FREQUENCY (MHz)


Similar Part No. - ADA4432-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4432-1 AD-ADA4432-1 Datasheet
517Kb / 25P
   SD Video Filter Amplifiers
ADA4432-1BCP-EBZ AD-ADA4432-1BCP-EBZ Datasheet
517Kb / 25P
   SD Video Filter Amplifiers
ADA4432-1BCPZ-R2 AD-ADA4432-1BCPZ-R2 Datasheet
517Kb / 25P
   SD Video Filter Amplifiers
ADA4432-1BCPZ-R7 AD-ADA4432-1BCPZ-R7 Datasheet
517Kb / 25P
   SD Video Filter Amplifiers
ADA4432-1BRJ-EBZ AD-ADA4432-1BRJ-EBZ Datasheet
517Kb / 25P
   SD Video Filter Amplifiers
More results

Similar Description - ADA4432-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4432-1 AD-ADA4432-1_17 Datasheet
517Kb / 25P
   SD Video Filter Amplifiers
logo
STMicroelectronics
TSH173 STMICROELECTRONICS-TSH173 Datasheet
191Kb / 13P
   Triple video buffer with filter for SD video
STV6417 STMICROELECTRONICS-STV6417 Datasheet
69Kb / 6P
   Audio/video switch and 6-channel SD video filter
AN2705 STMICROELECTRONICS-AN2705 Datasheet
214Kb / 8P
   TSH173 triple video buffer with filter for SD video
logo
Analog Devices
ADA4431-1 AD-ADA4431-1_15 Datasheet
457Kb / 12P
   Ultralow Power SD Video Filter with Load Detection
REV. 0
logo
SG Micro Corp
SGM9134 SGMICRO-SGM9134 Datasheet
330Kb / 12P
   4-Channel, Video Filter Driver for SD/HD
SGM9137 SGMICRO-SGM9137 Datasheet
332Kb / 12P
   4-Channel, Video Filter Driver for SD/HD
logo
STMicroelectronics
STV6437 STMICROELECTRONICS-STV6437 Datasheet
101Kb / 4P
   Audio/video buffer and four-channel SD/PS/HD video filter
STV6440 STMICROELECTRONICS-STV6440 Datasheet
101Kb / 4P
   Audio/video buffer and 6-channel SD/PS/HD video filter
logo
ON Semiconductor
FMS6646 ONSEMI-FMS6646 Datasheet
912Kb / 14P
   Six Channel, SD/HD 1080p Video Filter Driver
May 2011 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com