Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7984 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7984
Description  Ultralow Power, Low Distortion
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7984 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7984 Datasheet HTML 4Page - Analog Devices AD7984 Datasheet HTML 5Page - Analog Devices AD7984 Datasheet HTML 6Page - Analog Devices AD7984 Datasheet HTML 7Page - Analog Devices AD7984 Datasheet HTML 8Page - Analog Devices AD7984 Datasheet HTML 9Page - Analog Devices AD7984 Datasheet HTML 10Page - Analog Devices AD7984 Datasheet HTML 11Page - Analog Devices AD7984 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADA4940-1/ADA4940-2
Data Sheet
Rev. B | Page 8 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
–FB
2
+IN
3
–IN
4
+FB
11 –OUT
12 DISABLE
10 +OUT
9
VOCM
ADA4940-1
NOTES
1. CONNECT THE EXPOSED PAD TO
–VS OR GROUND.
Figure 4. ADA4940-1 Pin Configuration (16-Lead LFCSP)
–IN
1
VOCM 2
+VS 3
+OUT
4
+IN
8
DISABLE
7
–VS
6
–OUT
5
ADA4940-1
Figure 5.ADA4940-1 Pin Configuration (SOIC)
Table 11. ADA4940-1 Pin Function Descriptions (16-Lead
LFCSP)
Pin No.
Mnemonic
Description
1
−FB
Negative Output for Feedback
Component Connection.
2
+IN
Positive Input Summing Node.
3
−IN
Negative Input Summing Node.
4
+FB
Positive Output for Feedback
Component Connection.
5 to 8
+VS
Positive Supply Voltage.
9
VOCM
Output Common-Mode Voltage.
10
+OUT
Positive Output for Load
Connection.
11
−OUT
Negative Output for Load
Connection.
12
DISABLE
Disable Pin.
13 to 16
−VS
Negative Supply Voltage.
Exposed
paddle (EPAD)
Connect the exposed pad to −VS or
ground.
Table 12. ADA4940-1 Pin Function Descriptions (8-Lead
SOIC)
Pin No.
Mnemonic
Description
1
−IN
Negative Input Summing Node.
2
VOCM
Output Common-Mode Voltage.
3
+VS
Positive Supply Voltage.
4
+OUT
Positive Output for Load
Connection.
5
−OUT
Negative Output for Load
Connection.
6
−VS
Negative Supply Voltage.
7
DISABLE
Disable Pin.
8
+IN
Positive Input Summing Node.


Similar Part No. - AD7984

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7984 AD-AD7984 Datasheet
722Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN
REV. 0
AD7984 AD-AD7984 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
AD7984 AD-AD7984 Datasheet
814Kb / 24P
   18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7984 AD-AD7984 Datasheet
554Kb / 24P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
REV. B
AD7984 AD-AD7984 Datasheet
421Kb / 16P
   16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
More results

Similar Description - AD7984

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4940-1 AD-ADA4940-1_18 Datasheet
1Mb / 30P
   Ultralow Power, Low Distortion, Fully Differential ADC Drivers
ADA4940-1 AD-ADA4940-1_16 Datasheet
1Mb / 30P
   Ultralow Power, Low Distortion, Fully Differential ADC Drivers
ADA4857-1 AD-ADA4857-1 Datasheet
584Kb / 20P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
REV. 0
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
ADA4857-1 AD-ADA4857-1_17 Datasheet
552Kb / 21P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
logo
Linear Technology
LT1115 LINER-LT1115_15 Datasheet
252Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
Analog Devices
AD8375 AD-AD8375_1 Datasheet
792Kb / 24P
   Ultralow Distortion IF VGA
REV. 0
AD8375 AD-AD8375_17 Datasheet
735Kb / 24P
   Ultralow Distortion IF VGA
logo
Linear Integrated Syste...
LT1115 LINEAR-LT1115_1 Datasheet
246Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com