Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4150HV Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4150HV
Description  High Voltage, Fractional-N
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4150HV Datasheet(HTML) 3 Page - Analog Devices

  ADF4150HV Datasheet HTML 1Page - Analog Devices ADF4150HV Datasheet HTML 2Page - Analog Devices ADF4150HV Datasheet HTML 3Page - Analog Devices ADF4150HV Datasheet HTML 4Page - Analog Devices ADF4150HV Datasheet HTML 5Page - Analog Devices ADF4150HV Datasheet HTML 6Page - Analog Devices ADF4150HV Datasheet HTML 7Page - Analog Devices ADF4150HV Datasheet HTML 8Page - Analog Devices ADF4150HV Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADF4150HV
Rev. 0 | Page 3 of 28
SPECIFICATIONS
AVDD = DVDD = SDVDD = 3.3 V ± 10%; VP = 6.0 V to 30 V; GND = 0 V; TA = TMIN to TMAX, unless otherwise noted. Operating temperature
range is −40°C to +85°C.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFIN CHARACTERISTICS
Input Frequency
10
300
MHz
For f < 10 MHz, ensure slew rate > 21 V/μs
10
30
MHz
Reference doubler enabled (DB25 bit in
Register 2 is set to 1)
Input Sensitivity
0.7
AVDD
V p-p
Biased at AVDD/2; ac coupling ensures AVDD/2 bias
Input Capacitance
5.0
pF
Input Current
±60
μA
RF INPUT CHARACTERISTICS
For lower RFIN frequencies, ensure slew
rate > 400 V/μs
RF Input Frequency (RFIN)
0.5
3.0
GHz
−10 dBm ≤ RF input power ≤ +5 dBm
Prescaler Output Frequency
750
MHz
PHASE DETECTOR
Phase Detector Frequency
26
MHz
Low noise mode
20
MHz
Low spur mode
26
MHz
Integer-N mode
HIGH VOLTAGE CHARGE PUMP
ICP Sink/Source
High Value
384
μA
RSET = 5.1 kΩ
Low Value
48
μA
RSET = 5.1 kΩ
RSET Range
3.3
10
High Value vs. RSET
196
μA
RSET = 10 kΩ
594
μA
RSET = 3.3 kΩ
Sink and Source Current Matching
6
%
1.0 V ≤ VCP ≤ (VP − 1.0 V); VP = 6 V to 30 V
Absolute ICP Accuracy
3
%
ICP vs. VCP
2.5
%
1.0 V ≤ VCP ≤ (VP − 1.0 V)
ICP vs. Temperature
2.5
%
VCP = VP/2
ICP Leakage
2.5
nA
VCP = VP/2
LOGIC INPUTS
Input High Voltage, VINH
2.0
V
Input Low Voltage, VINL
0.6
V
Input Current, IINH/IINL
±1
μA
Input Capacitance, CIN
15.0
pF
LOGIC OUTPUTS
Output High Voltage, VOH
DVDD − 0.4
V
CMOS output selected
Output High Current, IOH
500
μA
Output Low Voltage, VOL
0.4
V
IOL = 500 μA
POWER SUPPLIES
AVDD
3.0
3.6
V
DVDD, SDVDD
AVDD
V
VP
6.0
30
V
Set the VP supply at least 1 V above the
maximum desired tuning voltage
IP
1
2.5
mA
VP = 30 V
DIDD + AIDD1
50
60
mA
Current per Output Divider
6 to 24
mA
Each output divide-by-2 consumes 6 mA typ
IRFOUT2
20
32
mA
RF output stage is programmable
Low Power Sleep Mode
1
μA


Similar Part No. - ADF4150HV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
ADF4150 AD-ADF4150 Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4150BCPZ-RL7 AD-ADF4150BCPZ-RL7 Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
More results

Similar Description - ADF4150HV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4152HV AD-ADF4152HV Datasheet
634Kb / 27P
   High Voltage, Fractional-N/Integer N PLL Synthesizer
logo
NXP Semiconductors
SA8025A PHILIPS-SA8025A Datasheet
456Kb / 23P
   Low-voltage 1.8GHz fractional-N synthesizer
1996 Oct 15
SA7025 PHILIPS-SA7025 Datasheet
304Kb / 22P
   Low-voltage 1GHz fractional-N synthesizer
1996 Aug 6
SA7016 PHILIPS-SA7016 Datasheet
232Kb / 18P
   1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
SA8016 PHILIPS-SA8016 Datasheet
252Kb / 20P
   2.5GHz low voltage fractional-N synthesizer
1999 Nov 04
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Integrated Device Techn...
ICS8430002 IDT-ICS8430002 Datasheet
843Kb / 27P
   High-Performance Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com