Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4351BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4351BCPZ
Description  Wideband Synthesizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4351BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4351BCPZ Datasheet HTML 6Page - Analog Devices ADF4351BCPZ Datasheet HTML 7Page - Analog Devices ADF4351BCPZ Datasheet HTML 8Page - Analog Devices ADF4351BCPZ Datasheet HTML 9Page - Analog Devices ADF4351BCPZ Datasheet HTML 10Page - Analog Devices ADF4351BCPZ Datasheet HTML 11Page - Analog Devices ADF4351BCPZ Datasheet HTML 12Page - Analog Devices ADF4351BCPZ Datasheet HTML 13Page - Analog Devices ADF4351BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADF4351
Data Sheet
Rev. 0 | Page 10 of 28
–160
–150
–60
–70
–80
–90
–100
–110
–120
–130
–140
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 10. Fractional-N Spur Performance, Low Noise Mode, W-CDMA Band;
RFOUT =2111.28 MHz,REFIN = 122.88 MHz,PFD= 30.72 MHz, Output Divide-by-2
Selected; Loop Filter Bandwidth = 60 kHz, Channel Spacing = 240 kHz;
RMS Phase Error = 0.21°, RMS Jitter = 0.27 ps, EVM = 0.37%
–160
–150
–60
–70
–80
–90
–100
–110
–120
–130
–140
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 11. Fractional-N Spur Performance, Low Spur Mode, W-CDMA Band;
RFOUT =2111.28 MHz,REFIN = 122.88 MHz,PFD= 30.72 MHz, Output Divide-by-2
Selected; Loop Filter Bandwidth = 60 kHz, Channel Spacing = 240 kHz;
RMS Phase Error = 0.37°, RMS Jitter = 0.49 ps, EVM = 0.64%
–160
–150
–60
–70
–80
–90
–100
–110
–120
–130
–140
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 12. Fractional-N Spur Performance, Low Noise Mode, W-CDMA Band;
RFOUT =2111.28 MHz,REFIN = 122.88 MHz,PFD= 30.72 MHz, Output Divide-by-2
Selected; Loop Filter Bandwidth = 20 kHz, Channel Spacing = 240 kHz;
RMS Phase Error = 0.25°, RMS Jitter = 0.32 ps, EVM = 0.44%
–160
–150
–60
–70
–80
–90
–100
–110
–120
–130
–140
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 13. Fractional-N Spur Performance, Low Noise Mode, LTE Band;
RFOUT = 2646.96 MHz, REFIN = 122.88 MHz, PFD = 30.72 MHz; Loop Filter
Bandwidth = 60 kHz, Channel Spacing = 240 kHz; Phase Word = 9,
RMS Phase Error = 0.28°, RMS Jitter = 0.29 ps, EVM = 0.49%
–160
–150
–60
–70
–80
–90
–100
–110
–120
–130
–140
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 14. Fractional-N Spur Performance, Low Spur Mode, LTE Band;
RFOUT = 2646.96 MHz, REFIN = 122.88 MHz, PFD = 30.72 MHz;
Loop Filter Bandwidth = 60 kHz, Channel Spacing = 240 kHz;
RMS Phase Error = 0.56°, RMS Jitter = 0.59 ps, EVM = 0.98%
–160
–150
–60
–70
–80
–90
–100
–110
–120
–130
–140
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 15. Fractional-N Spur Performance, Low Noise Mode, W-CDMA Band;
RFOUT = 2646.96 MHz, REFIN = 122.88 MHz, PFD = 30.72 MHz;
Loop Filter Bandwidth = 20 kHz, Channel Spacing = 240 kHz;
RMS Phase Error = 0.35°, RMS Jitter = 0.36 ps, EVM = 0.61%


Similar Part No. - ADF4351BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4351BCPZ AD-ADF4351BCPZ Datasheet
704Kb / 28P
   Wideband Synthesizer with Integrated VCO
ADF4351BCPZ-RL7 AD-ADF4351BCPZ-RL7 Datasheet
704Kb / 28P
   Wideband Synthesizer with Integrated VCO
More results

Similar Description - ADF4351BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF5356 AD-ADF5356 Datasheet
726Kb / 38P
   Microwave Wideband Synthesizer
logo
Texas Instruments
LMX2581 TI1-LMX2581_14 Datasheet
1Mb / 56P
[Old version datasheet]   Wideband Frequency Synthesizer
LMX2581E TI1-LMX2581E Datasheet
1Mb / 55P
[Old version datasheet]   Wideband Frequency Synthesizer
logo
Skyworks Solutions Inc.
SKY73134 SKYWORKS-SKY73134 Datasheet
857Kb / 17P
   Wideband PLL Frequency Synthesizer
logo
RF Micro Devices
PNP-383-P22-G RFMD-PNP-383-P22-G Datasheet
280Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-1090-P22-G RFMD-PNP-1090-P22-G Datasheet
280Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-1622-P22-G RFMD-PNP-1622-P22-G Datasheet
280Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-1181-P22-G RFMD-PNP-1181-P22-G Datasheet
280Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
logo
Analog Devices
ADF4350 AD-ADF4350_16 Datasheet
815Kb / 34P
   Wideband Synthesizer with Integrated VCO
ADF4351 AD-ADF4351_17 Datasheet
704Kb / 28P
   Wideband Synthesizer with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com