Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16485 Datasheet(PDF) 11 Page - Analog Devices

Part # ADIS16485
Description  Six Degrees of Freedom Inertial Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16485 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADIS16485 Datasheet HTML 7Page - Analog Devices ADIS16485 Datasheet HTML 8Page - Analog Devices ADIS16485 Datasheet HTML 9Page - Analog Devices ADIS16485 Datasheet HTML 10Page - Analog Devices ADIS16485 Datasheet HTML 11Page - Analog Devices ADIS16485 Datasheet HTML 12Page - Analog Devices ADIS16485 Datasheet HTML 13Page - Analog Devices ADIS16485 Datasheet HTML 14Page - Analog Devices ADIS16485 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADIS16485
Rev. 0 | Page 11 of 28
USER REGISTERS
Table 9. User Register Memory Map (N/A = Not Applicable)
Name
R/W
Flash
PAGE_ID
Address
Default
Register Description
Format
PAGE_ID
R/W
No
0x00
0x00
0x00
Page identifier
N/A
Reserved
N/A
N/A
0x00
0x02 to 0x06
N/A
Reserved
N/A
SYS_E_FLAG
R
No
0x00
0x08
0x0000
Output, system error flags
Table 40
DIAG_STS
R
No
0x00
0x0A
0x0000
Output, self test error flags
Table 41
ALM_STS
R
No
0x00
0x0C
0x0000
Output, alarm error flags
Table 42
TEMP_OUT
R
No
0x00
0x0E
N/A
Output, temperature
Table 38
X_GYRO_LOW
R
No
0x00
0x10
N/A
Output, x-axis gyroscope, low word
Table 14
X_GYRO_OUT
R
No
0x00
0x12
N/A
Output, x-axis gyroscope, high word
Table 10
Y_GYRO_LOW
R
No
0x00
0x14
N/A
Output, y-axis gyroscope, low word
Table 15
Y_GYRO_OUT
R
No
0x00
0x16
N/A
Output, y-axis gyroscope, high word
Table 11
Z_GYRO_LOW
R
No
0x00
0x18
N/A
Output, z-axis gyroscope, low word
Table 16
Z_GYRO_OUT
R
No
0x00
0x1A
N/A
Output, z-axis gyroscope, high word
Table 12
X_ACCL_LOW
R
No
0x00
0x1C
N/A
Output, x-axis accelerometer, low word
Table 21
X_ACCL_OUT
R
No
0x00
0x1E
N/A
Output, x-axis accelerometer, high word
Table 17
Y_ACCL_LOW
R
No
0x00
0x20
N/A
Output, y-axis accelerometer, low word
Table 22
Y_ACCL_OUT
R
No
0x00
0x22
N/A
Output, y-axis accelerometer, high word
Table 18
Z_ACCL_LOW
R
No
0x00
0x24
N/A
Output, z-axis accelerometer, low word
Table 23
Z_ACCL_OUT
R
No
0x00
0x26
N/A
Output, z-axis accelerometer, high word
Table 19
Reserved
N/A
N/A
0x00
0x28 to 0x3E
N/A
Reserved
N/A
X_DELTANG_LOW
R
No
0x00
0x40
N/A
Output, x-axis delta angle, low word
Table 28
X_DELTANG_OUT
R
No
0x00
0x42
N/A
Output, x-axis delta angle, high word
Table 24
Y_DELTANG_LOW
R
No
0x00
0x44
N/A
Output, y-axis delta angle, low word
Table 29
Y_DELTANG_OUT
R
No
0x00
0x46
N/A
Output, y-axis delta angle, high word
Table 25
Z_DELTANG_LOW
R
No
0x00
0x48
N/A
Output, z-axis delta angle, low word
Table 30
Z_DELTANG_OUT
R
No
0x00
0x4A
N/A
Output, z-axis delta angle, high word
Table 26
X_DELTVEL_LOW
R
No
0x00
0x4C
N/A
Output, x-axis delta velocity, low word
Table 35
X_DELTVEL_OUT
R
No
0x00
0x4E
N/A
Output, x-axis delta velocity, high word
Table 31
Y_DELTVEL_LOW
R
No
0x00
0x50
N/A
Output, y-axis delta velocity, low word
Table 36
Y_DELTVEL_OUT
R
No
0x00
0x52
N/A
Output, y-axis delta velocity, high word
Table 32
Z_DELTVEL_LOW
R
No
0x00
0x54
N/A
Output, z-axis delta velocity, low word
Table 37
Z_DELTVEL_OUT
R
No
0x00
0x56
N/A
Output, z-axis delta velocity, high word
Table 33
Reserved
N/A
N/A
0x00
0x58 to 0x76
N/A
Reserved
N/A
TIME_MS_OUT
R
Yes
0x00
0x78
N/A
Factory configuration time: minutes/seconds
Table 95
TIME_DH_OUT
R
Yes
0x00
0x7A
N/A
Factory configuration date/time: day/hour
Table 96
TIME_YM_OUT
R
Yes
0x00
0x7C
N/A
Factory configuration date: year/month
Table 97
PROD_ID
R
Yes
0x00
0x7E
0x4065
Output, product identification (16,485)
Table 46
Reserved
N/A
N/A
0x01
0x00 to 0x7E
N/A
Reserved
N/A
PAGE_ID
R/W
No
0x02
0x00
0x00
Page identifier
N/A
Reserved
N/A
N/A
0x02
0x02
N/A
Reserved
N/A
X_GYRO_SCALE
R/W
Yes
0x02
0x04
0x0000
Calibration, scale, x-axis gyroscope
Table 63
Y_GYRO_SCALE
R/W
Yes
0x02
0x06
0x0000
Calibration, scale, y-axis gyroscope
Table 64
Z_GYRO_SCALE
R/W
Yes
0x02
0x08
0x0000
Calibration, scale, z-axis gyroscope
Table 65
X_ACCL_SCALE
R/W
Yes
0x02
0x0A
0x0000
Calibration, scale, x-axis accelerometer
Table 73
Y_ACCL_SCALE
R/W
Yes
0x02
0x0C
0x0000
Calibration, scale, y-axis accelerometer
Table 74
Z_ACCL_SCALE
R/W
Yes
0x02
0x0E
0x0000
Calibration, scale, z-axis accelerometer
Table 75
XG_BIAS_LOW
R/W
Yes
0x02
0x10
0x0000
Calibration, offset, gyroscope, x-axis, low word
Table 59
XG_BIAS_HIGH
R/W
Yes
0x02
0x12
0x0000
Calibration, offset, gyroscope, x-axis, high word
Table 56
YG_BIAS_LOW
R/W
Yes
0x02
0x14
0x0000
Calibration, offset, gyroscope, y-axis, low word
Table 60
YG_BIAS_HIGH
R/W
Yes
0x02
0x16
0x0000
Calibration, offset, gyroscope, y-axis, high word
Table 57
ZG_BIAS_LOW
R/W
Yes
0x02
0x18
0x0000
Calibration, offset, gyroscope, z-axis, low word
Table 61
ZG_BIAS_HIGH
R/W
Yes
0x02
0x1A
0x0000
Calibration, offset, gyroscope, z-axis, high word
Table 58


Similar Part No. - ADIS16485

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16485AMLZ AD-ADIS16485AMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16485BMLZ AD-ADIS16485BMLZ Datasheet
824Kb / 32P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
More results

Similar Description - ADIS16485

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16460 AD-ADIS16460 Datasheet
598Kb / 26P
   Compact, Precision, Six Degrees of Freedom Inertial Sensor
ADIS16445 AD-ADIS16445_15 Datasheet
458Kb / 22P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16445 AD-ADIS16445 Datasheet
526Kb / 24P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
REV. A
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com