Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16488AMLZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADIS16488AMLZ
Description  Ten Degrees of Freedom Inertial Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488AMLZ Datasheet(HTML) 5 Page - Analog Devices

  ADIS16488AMLZ Datasheet HTML 1Page - Analog Devices ADIS16488AMLZ Datasheet HTML 2Page - Analog Devices ADIS16488AMLZ Datasheet HTML 3Page - Analog Devices ADIS16488AMLZ Datasheet HTML 4Page - Analog Devices ADIS16488AMLZ Datasheet HTML 5Page - Analog Devices ADIS16488AMLZ Datasheet HTML 6Page - Analog Devices ADIS16488AMLZ Datasheet HTML 7Page - Analog Devices ADIS16488AMLZ Datasheet HTML 8Page - Analog Devices ADIS16488AMLZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Data Sheet
ADIS16488
Rev. B | Page 5 of 36
TIMING SPECIFICATIONS
TA = 25°C, VDD = 3.3 V, unless otherwise noted.
Table 2.
Normal Mode
Parameter
Description
Min1
Typ
Max1
Unit
fSCLK
Serial clock
0.01
15
MHz
tSTALL
Stall period between data
2
µs
tCLS
Serial clock low period
31
ns
tCHS
Serial clock high period
31
ns
t
CS
Chip select to clock edge
32
ns
tDAV
DOUT valid after SCLK edge
10
ns
tDSU
DIN setup time before SCLK rising edge
2
ns
tDHD
DIN hold time after SCLK rising edge
2
ns
tDR, tDF
DOUT rise/fall times, ≤100 pF loading
3
8
ns
tDSOE
CS assertion to data out active
0
11
ns
tHD
SCLK edge to data out invalid
0
ns
tDSHI
CS deassertion to data out high impedance
0
9
ns
t1
Input sync pulse width
5
µs
t2
Input sync to data-ready output
490
µs
t3
Input sync period
417
µs
1
Guaranteed by design and characterization, but not tested in production.
Timing Diagrams
CS
SCLK
DOUT
DIN
1
2
3
4
5
6
15
16
R/W
A5
A6
A4
A3
A2
D2
MSB
DB14
D1
LSB
DB13
DB12
DB10
DB11
DB2
LSB
DB1
tCS
tDSHI
tDAV
tHD
tCHS
tCLS
tDSOE
tDHD
tDSU
Figure 2. SPI Timing and Sequence
CS
SCLK
tSTALL
Figure 3. Stall Time and Data Rate
t3
t2
t1
SYNC
CLOCK (CLKIN)
DATA
READY
OUTPUT
REGISTERS
DATA VALID
DATA VALID
Figure 4. Input Clock Timing Diagram


Similar Part No. - ADIS16488AMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16488AMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
   Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
   Tactical Grade, Ten Degrees of Freedom Inertial Sensor
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
   Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
   Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16489 AD-ADIS16489 Datasheet
992Kb / 40P
   Seven Degrees of Freedom Inertial Sensor
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com