Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5201 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5201
Description  Wide Dynamic Range, High Speed
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5201 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5201 Datasheet HTML 2Page - Analog Devices ADL5201 Datasheet HTML 3Page - Analog Devices ADL5201 Datasheet HTML 4Page - Analog Devices ADL5201 Datasheet HTML 5Page - Analog Devices ADL5201 Datasheet HTML 6Page - Analog Devices ADL5201 Datasheet HTML 7Page - Analog Devices ADL5201 Datasheet HTML 8Page - Analog Devices ADL5201 Datasheet HTML 9Page - Analog Devices ADL5201 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADL5201
Data Sheet
Rev. 0 | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. THE EXPOSED PADDLE (EP) MUST BE CONNECTED TO
A LOW IMPEDANCE GROUND PAD.
2
1
3
4
5
6
18
17
16
15
14
13
MODE0
MODE1
GND
VIN–
VIN+
GND
LATCH
VOUT+
VOUT–
VOUT+
VOUT–
VPOS
ADL5201
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4, EP
GND
Ground. The exposed paddle (EP) must be connected to a low impedance ground pad.
2
VIN+
Positive Input.
3
VIN−
Negative Input.
5
MODE1
MSB for Mode Control. With the MODE0 pin, selects parallel, SPI, or up/down interface mode.
6
MODE0
LSB for Mode Control. With the MODE1 pin, selects parallel, SPI, or up/down interface mode.
7
SDIO/A5
Serial Data Input/Output (SDIO). When CS is pulled low, SDIO is used for reading and writing to the SPI port.
Bit 5 for Parallel Gain Control Interface (A5).
8
SCLK/A4
Serial Clock Input in SPI Mode (SCLK).
Bit 4 for Parallel Gain Control Interface (A4).
9
GS1/CS/A3
MSB for Gain Step Size Control in Up/Down Mode (GS1).
SPI Interface Select (CS). When serial mode is enabled, a logic low (0 V ≤ CS ≤ 0.8 V) enables the SPI interface.
Bit 3 for Parallel Gain Control Interface (A3).
10
GS0/FA/A2
LSB for Gain Step Size Control in Up/Down Mode (GS0).
Fast Attack (FA). In serial mode, a logic high (1.4 V ≤ FA ≤ 3.3 V) attenuates according to the FA setting in the SPI
word. Bit 2 for Parallel Gain Control Interface (A2).
11
UPDN_CLK/A1
Clock Interface for Up/Down Function (UPDN_CLK).
Bit 1 for Parallel Gain Control Interface (A1).
12
UPDN_DAT/A0
Data Pin for Up/Down Function (UPDN_DAT).
Bit 0 for Parallel Gain Control Interface (A0).
13
LATCH
A logic low (0 V ≤ LATCH ≤ 0.8 V) allows gain changes. A logic high (1.4 V ≤ LATCH ≤ 3.3 V) disallows gain
changes.
14, 16
VOUT+
Positive Output.
15, 17
VOUT−
Negative Output.
18, 21,
22, 23, 24
VPOS
Positive Power Supply.
19
PWUP
Power-Up Pin. A logic high (1.4 V ≤ PWUP ≤ 3.3 V) enables the part.
20
PM
Performance Mode. A logic low (0 V ≤ PM ≤ 0.8 V) enables high performance mode. A logic high (1.4 V ≤ PM ≤ 3.3 V)
enables low power mode.


Similar Part No. - ADL5201

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5201 AD-ADL5201 Datasheet
895Kb / 26P
   Wide Dynamic Range, High Speed, Digitally Controlled VGA
ADL5201-EVALZ AD-ADL5201-EVALZ Datasheet
895Kb / 26P
   Wide Dynamic Range, High Speed, Digitally Controlled VGA
ADL5201ACPZ-R7 AD-ADL5201ACPZ-R7 Datasheet
895Kb / 26P
   Wide Dynamic Range, High Speed, Digitally Controlled VGA
ADL5201 AD-ADL5201_15 Datasheet
895Kb / 26P
   Wide Dynamic Range, High Speed, Digitally Controlled VGA
More results

Similar Description - ADL5201

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5202 AD-ADL5202 Datasheet
1Mb / 32P
   Wide Dynamic Range, High Speed
REV. 0
ADL5201 AD-ADL5201_15 Datasheet
895Kb / 26P
   Wide Dynamic Range, High Speed, Digitally Controlled VGA
ADL5202 AD-ADL5202_17 Datasheet
1Mb / 29P
   Wide Dynamic Range, High Speed Digitally Controlled VGA
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
   WDR Wide Dynamic Range
logo
Zarlink Semiconductor I...
ZL49010 ZARLINK-ZL49010 Datasheet
353Kb / 14P
   Wide Dynamic Range DTMF Receiver
logo
Hamamatsu Corporation
F6584 HAMAMATSU-F6584 Datasheet
24Kb / 2P
   WIDE DYNAMIC RANGE MICROCHANNEL PLATES
logo
Zarlink Semiconductor I...
MT3171B ZARLINK-MT3171B Datasheet
485Kb / 15P
   Wide Dynamic Range DTMF Receiver
ZL49010 ZARLINK-ZL49010_07 Datasheet
423Kb / 15P
   Wide Dynamic Range DTMF Receiver
logo
Mitel Networks Corporat...
MT3170B MITEL-MT3170B Datasheet
91Kb / 8P
   Wide Dynamic Range DTMF Receiver
logo
Zarlink Semiconductor I...
SL2610 ZARLINK-SL2610 Datasheet
593Kb / 27P
   Wide Dynamic Range Image Reject MOPLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com