Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5324-EVALZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5324-EVALZ
Description  400 MHz to 4000 MHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5324-EVALZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5324-EVALZ Datasheet HTML 4Page - Analog Devices ADL5324-EVALZ Datasheet HTML 5Page - Analog Devices ADL5324-EVALZ Datasheet HTML 6Page - Analog Devices ADL5324-EVALZ Datasheet HTML 7Page - Analog Devices ADL5324-EVALZ Datasheet HTML 8Page - Analog Devices ADL5324-EVALZ Datasheet HTML 9Page - Analog Devices ADL5324-EVALZ Datasheet HTML 10Page - Analog Devices ADL5324-EVALZ Datasheet HTML 11Page - Analog Devices ADL5324-EVALZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADL5324
Data Sheet
Rev. 0 | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
50
0
869
884
900
915
930
946
961
FREQUENCY (MHz)
5
10
15
20
25
30
35
40
45
OIP3 (dBm)
P1dB (dBm)
GAIN (dB)
NF (dB)
Figure 4. Gain, P1dB, OIP3, and Noise Figure vs. Frequency,
869 MHz to 961 MHz
17.5
15.5
16.0
16.5
17.0
869
884
900
915
930
946
961
FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 5. Gain vs. Frequency and Temperature, 869 MHz to 961 MHz
0
–10
–15
–5
–40
869
961
FREQUENCY (MHz)
–30
–35
–25
–20
884
900
915
930
946
S11
S12
S22
Figure 6. Input Return Loss (S11), Output Return Loss (S22), and Reverse
Isolation (S12) vs. Frequency, 869 MHz to 961 MHz
–40°C
–40°C
35
25
869
884
900
915
930
946
961
FREQUENCY (MHz)
+25°C
+85°C
+85°C
30
32
34
36
38
40
42
44
46
48
50
26
27
28
29
30
31
32
33
34
+25°C
Figure 7. OIP3 and P1dB vs. Frequency and Temperature,
869 MHz to 961 MHz
55
35
–5
0
5
10
15
20
POUT PER TONE (dBm)
37
39
41
43
45
47
49
51
53
869MHz
915MHz
961MHz
Figure 8. OIP3 vs. POUT and Frequency, 869 MHz to 961 MHz
7
3
869
961
FREQUENCY (MHz)
5
4
6
884
900
915
930
946
+85°C
+25°C
–40°C
Figure 9. Noise Figure vs. Frequency and Temperature,
869 MHz to 961 MHz


Similar Part No. - ADL5324-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5320 AD-ADL5320 Datasheet
328Kb / 10P
   400 MHz to 2700 MHz Pre-driver RF Amplifier
Rev. PrB
ADL5320 AD-ADL5320 Datasheet
691Kb / 16P
   400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
ADL5320 AD-ADL5320 Datasheet
466Kb / 6P
   Providing Fixed Power Gain at the Output of an IQ Modulator
REV. 0
ADL5320 AD-ADL5320 Datasheet
476Kb / 20P
   RF Driver Amplifier
ADL5320-EVALZ AD-ADL5320-EVALZ Datasheet
691Kb / 16P
   400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
More results

Similar Description - ADL5324-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5523ACPZ AD-ADL5523ACPZ Datasheet
583Kb / 24P
   400 MHz to 4000 MHz Low Noise Amplifier
REV. B
ADL5523 AD-ADL5523_09 Datasheet
589Kb / 24P
   400 MHz to 4000 MHz Low Noise Amplifier
REV. A
ADL5523 AD-ADL5523_15 Datasheet
583Kb / 24P
   400 MHz to 4000 MHz Low Noise Amplifier
REV. B
ADL5521 AD-ADL5521_08 Datasheet
2Mb / 45P
   400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
logo
Micronetics, Inc.
NMA2413-A2S MICRONETICS-NMA2413-A2S Datasheet
201Kb / 2P
   Legacy 10 MHz to 4000 MHz
NMA2413-B2T MICRONETICS-NMA2413-B2T Datasheet
357Kb / 2P
   Legacy 10 MHz to 4000 MHz
NMA2413-B1T MICRONETICS-NMA2413-B1T Datasheet
166Kb / 2P
   Legacy 10 MHz to 4000 MHz
NMA2413-A1S MICRONETICS-NMA2413-A1S Datasheet
186Kb / 2P
   Legacy 10 MHz to 4000 MHz
NMA2413-A2T MICRONETICS-NMA2413-A2T Datasheet
318Kb / 2P
   Legacy 10 MHz to 4000 MHz
NMA2413-A1T MICRONETICS-NMA2413-A1T Datasheet
209Kb / 2P
   Legacy 10 MHz to 4000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com