Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5358 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5358
Description  2300 MHz to 2900 MHz Balanced Mixer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5358 Datasheet(HTML) 3 Page - Analog Devices

  ADL5358 Datasheet HTML 1Page - Analog Devices ADL5358 Datasheet HTML 2Page - Analog Devices ADL5358 Datasheet HTML 3Page - Analog Devices ADL5358 Datasheet HTML 4Page - Analog Devices ADL5358 Datasheet HTML 5Page - Analog Devices ADL5358 Datasheet HTML 6Page - Analog Devices ADL5358 Datasheet HTML 7Page - Analog Devices ADL5358 Datasheet HTML 8Page - Analog Devices ADL5358 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADL5363
Rev. 0 | Page 3 of 24
SPECIFICATIONS
VS = 5 V, IS = 100 mA, TA = 25°C, fRF = 2535 MHz, fLO = 2738 MHz, LO power = 0 dBm, ZO = 50 Ω, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RF INPUT INTERFACE
Return Loss
Tunable to >20 dB over a limited bandwidth
16
dB
Input Impedance
50
Ω
RF Frequency Range
2300
2900
MHz
OUTPUT INTERFACE
Output Impedance
Differential impedance, f = 200 MHz
33||-0.3
Ω||pF
IF Frequency Range
dc
450
MHz
DC Bias Voltage1
Externally generated
3.3
5.0
5.5
V
LO INTERFACE
LO Power
−6
0
+10
dBm
Return Loss
15
dB
Input Impedance
50
Ω
LO Frequency Range
2330
3350
MHz
POWER-DOWN (PWDN) INTERFACE2
PWDN Threshold
1.0
V
Logic 0 Level
0.4
V
Logic 1 Level
1.4
V
PWDN Response Time
Device enabled, IF output to 90% of its final level
160
ns
Device disabled, supply current <5 mA
220
ns
PWDN Input Bias Current
Device enabled
0.0
μA
Device disabled
70
μA
1 Apply the supply voltage from the external circuit through the choke inductors.
2 The PWDN function is intended for use with VS ≤ 3.6 V only.


Similar Part No. - ADL5358

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5358 AD-ADL5358 Datasheet
404Kb / 24P
   500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5358 AD-ADL5358 Datasheet
486Kb / 23P
   300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
ADL5358 AD-ADL5358 Datasheet
438Kb / 24P
   2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
ADL5358-EVALZ AD-ADL5358-EVALZ Datasheet
404Kb / 24P
   500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5358ACPZ-R2 AD-ADL5358ACPZ-R2 Datasheet
404Kb / 24P
   500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
More results

Similar Description - ADL5358

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX190H-1225 MACOM-MA4EX190H-1225 Datasheet
120Kb / 3P
   Silicon Double Balanced HMICTM Mixer, 1700 - 2300 MHz
MA4EXP190H-1225 MACOM-MA4EXP190H-1225 Datasheet
104Kb / 4P
   Silicon Double Balanced HMIC Mixer, 2000 - 2300 MHz
logo
M/A-COM Technology Solu...
MA4EX190H1-1225T MA-COM-MA4EX190H1-1225T Datasheet
79Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
logo
Tyco Electronics
MA4EX190L-1225 MACOM-MA4EX190L-1225 Datasheet
126Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 1700 - 2300 MHz
logo
M/A-COM Technology Solu...
MA4EX190H-1225T MA-COM-MA4EX190H-1225T Datasheet
79Kb / 3P
   Silicon Double Balanced HMICTM Mixer 1700 - 2300 MHz
MA4EX190L-1225T MA-COM-MA4EX190L-1225T Datasheet
75Kb / 2P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
logo
Tyco Electronics
MA4EX190H1-1225T MACOM-MA4EX190H1-1225T Datasheet
90Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
MA4EXP240L-1277 MACOM-MA4EXP240L-1277 Datasheet
136Kb / 6P
   Silicon Double Balanced HMIC Mixer 2300 - 2800 MHz
MAMX-090240-1277MT MACOM-MAMX-090240-1277MT Datasheet
400Kb / 5P
   Silicon Doubled Balanced HMIC Mixer 2300 - 2800 MHz
logo
Cree, Inc
CGH27030F CREE-CGH27030F Datasheet
791Kb / 8P
   30 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com