Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1075-1ACPZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADM1075-1ACPZ
Description  ??8 V Hot Swap Controller and Digital
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1075-1ACPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADM1075-1ACPZ Datasheet HTML 21Page - Analog Devices ADM1075-1ACPZ Datasheet HTML 22Page - Analog Devices ADM1075-1ACPZ Datasheet HTML 23Page - Analog Devices ADM1075-1ACPZ Datasheet HTML 24Page - Analog Devices ADM1075-1ACPZ Datasheet HTML 25Page - Analog Devices ADM1075-1ACPZ Datasheet HTML 26Page - Analog Devices ADM1075-1ACPZ Datasheet HTML 27Page - Analog Devices ADM1075-1ACPZ Datasheet HTML 28Page - Analog Devices ADM1075-1ACPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
Data Sheet
ADM1075
Rev. A | Page 25 of 52
the voltage connected to the UVL pin falls below 0.9 V, and the
gate is shut down using the 10 mA pull-down device. The fault
is cleared after UVH pin rises above 1.0 V.
Similarly, when an overvoltage event occurs and the voltage on
the OV pin exceeds 1 V, the gate is shut down using the 10 mA
pull-down device.
RSENSE
Q1
C1
SENSE–
VEE
GATE
VIN
SENSE+
ADM1075
–48V RTN (0V)
RSHUNT
UVH
UVL
OV
–48V
+
+
+
GATE
ENABLE
LOGIC
1V
0.9V
1V
Figure 51. Undervoltage and Overvoltage Supply Monitoring
The maximum rating on the UVH pin is 4 V and the UVH
threshold is 1 V. This limits the maximum input voltage to
minimum input voltage ratio to 4:1. For example, if the UVH
threshold is set at 20 V, the maximum input voltage is 80 V so
as not to exceed the maximum ratings of the pin. If a wider
input range is required, some protection circuitry is required
on the UV pins to limit them to less than 4 V.
PWRGD
The PWRGD output indicates the status of the output voltage.
As shown in
, the
Figure 52
PWRGD output is derived from the
DRAIN pin voltage. It is an open-drain output that pulls low
when the voltage on DRAIN is less than 2 V and the GATE pin
voltage is near its 12 V rail (power good). When a fault occurs
or hot swap is turned off, the open-drain pull-down is disabled,
allowing PWRGD to go high (power bad). PWRGD is guaran-
teed to be in a valid state for VIN ≥ 1 V.
FET
DRAIN
HOT SWAP
DISABLE
SIGNAL
DIODE CLAMPS
DRAIN TO 2V
S
R
Q
Q
RDRAIN
IDRAIN =
50µA MAX
DRAIN
2V
11V
GATE
PWRGD
Figure 52. Generation of PWRGD Signal
DRAIN
Because the source of the FET is always at or near the most
negative system supply, the drain voltage is a close approxima-
tion to the VDS of the FET. When the voltage at the DRAIN pin
is less than 2 V, it is assumed the FET is turned on. The DRAIN
pin is used by the power-good circuitry to determine when
PWRGD can be asserted. A resistor is required on the DRAIN
pin to limit current on the pin to 50 μA. A 2 MΩ resistor is
suitable to limit the current in most cases.
SPLYGD
The SPLYGD output indicates when the input supply is within
the programmed voltage window. This is an open-drain output.
An external pull-up resistor is required on this pin.
LATCH
The LATCH output signals that the device has latched off after
an overcurrent fault. This pin is also used to configure the
desired retry scheme. See the
section for
additional details.
Hot Swap Fault Retry
SHDN
The SHDN pin is a level-triggered input that allows the user to
command a shutdown of the hot swap function. When this
input is set low, the GATE output is switched to VEE to turn the
FET off. This pin has an internal pull-up of approximately 8 μA,
allowing it to be driven by an open-drain pull-down output or a
push-pull output. The input threshold is ~1 V.
This pin is also used to configure the desired retry scheme. See
the Hot Swap Fault Retry section for additional details.
Care should be taken if using the SHDN pin as an on/off pin.
Pulling the SHDN low always turns off the gate. However,
taking SHDN high again turns on hot swap only if there have
been less than seven faults/shutdown events within a 10 second
period. The retry scheme is configured to set GPO2/ALERT2
low after seven faults. The SHDN pin cannot clear the GPO2/
ALERT2 fault. The retry counter is cleared after 10 seconds of
power good. Therefore, this is not an issue if there is never
going to be more than seven SHDN events within a 10 second
period.
The UVH or UVL pin may work better as a system on/off pin if
required. Toggling the UVx pin clears any faults (including
GPO2/ALERT2 low after seven retry attempts). A switch
shorting UVH or UVL to VEE works as an on/off switch.
RESTART
The RESTART pin is a falling edge triggered input that allows
the user to command a 10 second automatic restart. When this
input is set low, the gate turns off for 10 seconds, and then powers
back up. The pin is falling edge triggered; therefore, holding
RESTART low for more than 10 seconds generates only one
restart. This pin has an internal pull-up of approximately 8 μA,
allowing it to be driven by an open-drain pull-down output or a
push-pull output. The input threshold is ~1 V.
This pin is also used to configure the desired retry scheme. See
the Hot Swap Fault Retry section for additional details.


Similar Part No. - ADM1075-1ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
ADM1075 AD-ADM1075 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
More results

Similar Description - ADM1075-1ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
logo
Texas Instruments
TPS23523 TI1-TPS23523 Datasheet
2Mb / 38P
[Old version datasheet]   ??8-V Hot Swap and Single OR-ing Controller
TPS23525 TI1-TPS23525 Datasheet
2Mb / 39P
[Old version datasheet]   ??8-V Hot Swap and Dual OR-ing Controller
logo
Analog Devices
ADM1073 AD-ADM1073 Datasheet
305Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. 0
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
logo
Texas Instruments
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
logo
Analog Devices
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com