Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB80C517-N16 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # SAB80C517-N16
Description  8-Bit CMOS Single-Chip Microcontroller
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB80C517-N16 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button SAB80C517-N16 Datasheet HTML 4Page - Siemens Semiconductor Group SAB80C517-N16 Datasheet HTML 5Page - Siemens Semiconductor Group SAB80C517-N16 Datasheet HTML 6Page - Siemens Semiconductor Group SAB80C517-N16 Datasheet HTML 7Page - Siemens Semiconductor Group SAB80C517-N16 Datasheet HTML 8Page - Siemens Semiconductor Group SAB80C517-N16 Datasheet HTML 9Page - Siemens Semiconductor Group SAB80C517-N16 Datasheet HTML 10Page - Siemens Semiconductor Group SAB80C517-N16 Datasheet HTML 11Page - Siemens Semiconductor Group SAB80C517-N16 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
SAB 80C517/80C537
Semiconductor Group
7
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O *) Function
P-LCC-84
P-MQFP-100-2
RESET
10
73
I
RESET
A low level on this pin for the duration of
one machine cycle while the oscillator is
running resets the SAB 80C517. A small
internal pull-up resistor permits
power-on reset using only a capacitor
connected to
VSS.
VAREF
11
78
Reference voltage for the A/D con-
verter.
VAGND
12
79
Reference ground for the A/D
converter.
P7.7 -P7.0
13 - 20
80 - 87
I
Port 7
is an 8-bit unidirectional input port. Port
pins can be used for digital input, if
voltage levels meet the specified input
high/low voltages, and for the lower
8-bit of the multiplexed analog inputs of
the A/D converter, simultaneously.
* I = Input
O = Output


Similar Part No. - SAB80C517-N16

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB80C517-N16 SIEMENS-SAB80C517-N16 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517-N16-T40/85 SIEMENS-SAB80C517-N16-T40/85 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
More results

Similar Description - SAB80C517-N16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com