Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1075-2ACPZ-RL7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADM1075-2ACPZ-RL7
Description  ??8 V Hot Swap Controller and Digital
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1075-2ACPZ-RL7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADM1075-2ACPZ-RL7 Datasheet HTML 26Page - Analog Devices ADM1075-2ACPZ-RL7 Datasheet HTML 27Page - Analog Devices ADM1075-2ACPZ-RL7 Datasheet HTML 28Page - Analog Devices ADM1075-2ACPZ-RL7 Datasheet HTML 29Page - Analog Devices ADM1075-2ACPZ-RL7 Datasheet HTML 30Page - Analog Devices ADM1075-2ACPZ-RL7 Datasheet HTML 31Page - Analog Devices ADM1075-2ACPZ-RL7 Datasheet HTML 32Page - Analog Devices ADM1075-2ACPZ-RL7 Datasheet HTML 33Page - Analog Devices ADM1075-2ACPZ-RL7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
ADM1075
Data Sheet
Rev. A | Page 30 of 52
Sr
A
SLAVE ADDRESS
A
R
SA
W
SLAVE ADDRESS
COMMAND CODE
A
BYTE COUNT = N
A
DATA BYTE 1
P
DATA BYTE N
A
DATA BYTE 2
Sr
A
SLAVE ADDRESS
A
R
SA
W
SLAVE ADDRESS
COMMAND CODE
A
BYTE COUNT = N
A
DATA BYTE 1
A
DATA BYTE N
P
PEC
A
DATA BYTE 2
MASTER TO SLAVE
SLAVE TO MASTER
A
A
Figure 61. Block Read and Block Read with PEC
MASTER TO SLAVE
SLAVE TO MASTER
ALOW DATA BYTE
A
SA
W
DEVICE 1 ADDRESS
COMMAND CODE 1
A
HIGH DATA BYTE
ONE OR MORE DATA BYTES
ALOW DATA BYTE
A
Sr
A
W
DEVICE 2 ADDRESS
COMMAND CODE 2
A
HIGH DATA BYTE
ONE OR MORE DATA BYTES
ALOW DATA BYTE
A
Sr
A
W
DEVICE N ADDRESS
COMMAND CODE N
AP
HIGH DATA BYTE
ONE OR MORE DATA BYTES
Figure 62. Group Command
MASTER TO SLAVE
SLAVE TO MASTER
A
PEC 1
P
A
LOW DATA BYTE
A
SA
W
DEVICE 1 ADDRESS
COMMAND CODE 1
A
HIGH DATA BYTE
ONE OR MORE DATA BYTES
A
PEC 2
A
LOW DATA BYTE
A
Sr
A
W
DEVICE 2 ADDRESS
COMMAND CODE 2
A
HIGH DATA BYTE
ONE OR MORE DATA BYTES
A
PEC N
A
LOW DATA BYTE
A
Sr
A
W
DEVICE N ADDRESS
COMMAND CODE N
A
HIGH DATA BYTE
ONE OR MORE DATA BYTES
Figure 63. Group Command with PEC
GROUP COMMANDS
The PMBus standard defines what are known as group
commands. Group commands are single bus transactions that
send commands or data to more than one device at the same
time. Each device is addressed separately, using its own address;
there is no special group command address. A group command
transaction can contain only write commands that send data to
a device. It is not possible to use a group command to read data
from devices.
From an I2C protocol point of view, a normal write command
consists of the following:
I2C start condition
Slave address bits and a write bit (followed by ACK from
the slave device)
One or more data bytes (each of which is followed by ACK
from the slave device)
I2C stop condition to end the transaction
A group command differs from a nongroup command in that,
after the data is written to one slave device, a repeated start
condition is put on the bus followed by the address of the next
slave device and data. This continues until all the devices have
been written to, at which point the stop condition is put on the
bus by the master device.
The format of a group command and a group command with
PEC is shown in Figure 63.
Each device that is written to as part of the group command
does not immediately execute the command written. The device
must wait until the stop condition appears on the bus. At that
point, all devices execute their commands at the same time.
Using a group command, it is possible, for example, to turn
multiple PMBus devices on or off at the same time. In the case
of the ADM1075, it is also possible to issue a power monitor
command that initiates a conversion, causing multiple ADM1075
devices to sample together at the same time. This is analogous
to connecting the GPO1/ALERT1/CONV pins together and
configuring the pin in the convert (CONV) mode to drive the
power monitor sampling.


Similar Part No. - ADM1075-2ACPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
ADM1075 AD-ADM1075 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
More results

Similar Description - ADM1075-2ACPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
logo
Texas Instruments
TPS23523 TI1-TPS23523 Datasheet
2Mb / 38P
[Old version datasheet]   ??8-V Hot Swap and Single OR-ing Controller
TPS23525 TI1-TPS23525 Datasheet
2Mb / 39P
[Old version datasheet]   ??8-V Hot Swap and Dual OR-ing Controller
logo
Analog Devices
ADM1073 AD-ADM1073 Datasheet
305Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. 0
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
logo
Texas Instruments
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
logo
Analog Devices
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com