Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN4696E Datasheet(PDF) 4 Page - Analog Devices

Part # ADN4696E
Description  3.3 V, 100 Mbps, Half- and Full-Duplex
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4696E Datasheet(HTML) 4 Page - Analog Devices

  ADN4696E Datasheet HTML 1Page - Analog Devices ADN4696E Datasheet HTML 2Page - Analog Devices ADN4696E Datasheet HTML 3Page - Analog Devices ADN4696E Datasheet HTML 4Page - Analog Devices ADN4696E Datasheet HTML 5Page - Analog Devices ADN4696E Datasheet HTML 6Page - Analog Devices ADN4696E Datasheet HTML 7Page - Analog Devices ADN4696E Datasheet HTML 8Page - Analog Devices ADN4696E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADN4690E/ADN4692E/ADN4694E/ADN4695E
Data Sheet
Rev. A | Page 4 of 20
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
BUS INPUT/OUTPUT
Input Current
A (Receiver or Transceiver with Driver Disabled)
IA
0
32
µA
VB = 1.2 V, VA = 3.8 V
−20
+20
µA
VB = 1.2 V, VA = 0 V or 2.4 V
−32
0
µA
VB = 1.2 V, VA = −1.4 V
B (Receiver or Transceiver with Driver Disabled)
IB
0
32
µA
VA = 1.2 V, VB = 3.8 V
−20
+20
µA
VA = 1.2 V, VB = 0 V or 2.4 V
−32
0
µA
VA = 1.2 V, VB = −1.4 V
Differential (Receiver or Transceiver with Driver
Disabled)
IAB
−4
+4
µA
VA = VB, 1.4 ≤ VA ≤ 3.8 V
Power-Off Input Current
0 V ≤ VCC ≤ 1.5 V
A (Receiver or Transceiver)
IA(OFF)
0
32
µA
VB = 1.2 V, VA = 3.8 V
−20
+20
µA
VB = 1.2 V, VA = 0 V or 2.4 V
−32
0
µA
VB = 1.2 V, VA = −1.4 V
B (Receiver or Transceiver)
IB(OFF)
0
32
µA
VA = 1.2 V, VB = 3.8 V
−20
+20
µA
VA = 1.2 V, VB = 0 V or 2.4 V
−32
0
µA
VA = 1.2 V, VB = −1.4 V
Differential (Receiver or Transceiver)
IAB(OFF)
−4
+4
µA
VA = VB, 1.4 V ≤ VA ≤ 3.8 V
Input Capacitance (Transceiver with Driver Disabled)
CA or CB
5
pF
VI = 0.4 sin(30e6πt) V + 0.5 V,2
other input = 1.2 V, DE = 0 V
Differential Input Capacitance (Transceiver with
Driver Disabled)
CAB
3
pF
VAB = 0.4 sin(30e6πt) V,2 DE = 0 V
Input Capacitance Balance (CA/CB) (Transceiver
with Driver Disabled)
CA/B
0.99
1.01
DE = 0 V
POWER SUPPLY
Supply Current
ICC
Only Driver Enabled
13
22
mA
DE, RE = VCC, RL = 50 Ω
Both Driver and Receiver Disabled
1
4
mA
DE = 0 V, RE = VCC, RL = no load
Both Driver and Receiver Enabled
16
24
mA
DE = VCC, RE = 0 V, RL = 50 Ω
Only Receiver Enabled
4
13
mA
DE, RE = 0 V, RL = 50 Ω
Total Power Dissipation
PD
94
mW
RL = 50 Ω, input (DI) = 50 MHz,
50% duty cycle square wave;
DE = VCC; RE = 0 V; TA = 85°C
1
All typical values are given for VCC = 3.3 V and TA = 25°C.
2
HP4194A impedance analyzer (or equivalent).
RECEIVER INPUT THRESHOLD TEST VOLTAGES
RE = 0 V, H = high, L = low.
Table 3. Test Voltages for Type 1 Receiver
Applied Voltages
Input Voltage, Differential
Input Voltage, Common Mode
Receiver Output
VA (V)
VB (V)
VID (V)
VIC (V)
RO
2.4
0
2.4
1.2
H
0
2.4
−2.4
1.2
L
3.425
3.375
0.05
3.4
H
3.375
3.425
−0.05
3.4
L
−0.975
−1.025
0.05
−1
H
−1.025
−0.975
−0.05
−1
L


Similar Part No. - ADN4696E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4696E AD-ADN4696E Datasheet
364Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex
REV. A
ADN4696E AD-ADN4696E Datasheet
581Kb / 8P
   High Speed Evaluation Board for Full Duplex M-LVDS Transceivers
REV. 0
ADN4696E AD-ADN4696E Datasheet
307Kb / 8P
   High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
REV. 0
ADN4696E AD-ADN4696E Datasheet
593Kb / 12P
   LVDS and M-LVDS Circuit Implementation Guide
REV. 0
ADN4696E AD-ADN4696E Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
More results

Similar Description - ADN4696E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4691E AD-ADN4691E Datasheet
364Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex
REV. A
ADN4690E AD-ADN4690E_V01 Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4691E AD-ADN4691E_V01 Datasheet
395Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
[Old version datasheet]   ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
[Old version datasheet]   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15 Datasheet
1Mb / 32P
[Old version datasheet]   ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
logo
Analog Devices
ADN4693E-1 AD-ADN4693E-1 Datasheet
949Kb / 17P
   3.3 V, 200 Mbps, Full-Duplex, High Speed M-LVDS Transceiver
Rev. 0
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3483 AD-ADM3483_11 Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com