Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP223 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP223
Description  Dual, 300 mA Output, Low Noise
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP223 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP223 Datasheet HTML 4Page - Analog Devices ADP223 Datasheet HTML 5Page - Analog Devices ADP223 Datasheet HTML 6Page - Analog Devices ADP223 Datasheet HTML 7Page - Analog Devices ADP223 Datasheet HTML 8Page - Analog Devices ADP223 Datasheet HTML 9Page - Analog Devices ADP223 Datasheet HTML 10Page - Analog Devices ADP223 Datasheet HTML 11Page - Analog Devices ADP223 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADP222/ADP223/ADP224/ADP225
Data Sheet
Rev. B | Page 8 of 24
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
0.01
0.1
1
10
100
1000
ILOAD (mA)
Figure 11. Output Voltage vs. Load Current, VOUTx = 1.8 V, ADP222/ADP224
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
0.01
0.1
1
10
100
1000
ILOAD (mA)
Figure 12. Output Voltage vs. Load Current, VOUTx = 1.2 V, ADP222/ADP224
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
VIN (V)
LOAD = 10µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
Figure 13. Output Voltage vs. Input Voltage, VOUTx = 3.3 V, ADP222/ADP224
2.75
2.76
2.77
2.78
2.79
2.80
2.81
2.82
2.83
2.84
2.85
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
VIN (V)
LOAD = 10µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
Figure 14. Output Voltage vs. Input Voltage, VOUTx = 2.8 V, ADP222/ADP224
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
2.30
2.70
3.10
3.50
3.90
4.30
4.70
5.10
5.50
VIN (V)
LOAD = 10µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
Figure 15. Output Voltage vs. Input Voltage, VOUTx = 1.8 V, ADP222/ADP224
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
2.30
2.70
3.10
3.50
3.90
4.30
4.70
5.10
5.50
VIN (V)
LOAD = 10µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
Figure 16. Output Voltage vs. Input Voltage, VOUTx = 1.2 V, ADP222/ADP224


Similar Part No. - ADP223

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2230 AD-ADP2230 Datasheet
726Kb / 18P
   Dual 2 MHz, 800 mA, Synchronous, Low Quiescent Current Buck Regulator
ADP2230ACPZ-1218R7 AD-ADP2230ACPZ-1218R7 Datasheet
726Kb / 18P
   Dual 2 MHz, 800 mA, Synchronous, Low Quiescent Current Buck Regulator
ADP2230ACPZ-1233R7 AD-ADP2230ACPZ-1233R7 Datasheet
726Kb / 18P
   Dual 2 MHz, 800 mA, Synchronous, Low Quiescent Current Buck Regulator
ADP2230ACPZ-1833R7 AD-ADP2230ACPZ-1833R7 Datasheet
726Kb / 18P
   Dual 2 MHz, 800 mA, Synchronous, Low Quiescent Current Buck Regulator
ADP2230ACPZ-R7 AD-ADP2230ACPZ-R7 Datasheet
726Kb / 18P
   Dual 2 MHz, 800 mA, Synchronous, Low Quiescent Current Buck Regulator
More results

Similar Description - ADP223

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_17 Datasheet
1Mb / 29P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V01 Datasheet
1Mb / 35P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V02 Datasheet
1Mb / 35P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
logo
NXP Semiconductors
LD6836 NXP-LD6836 Datasheet
589Kb / 28P
   Ultra low dropout regulators, low noise, 300 mA
Rev. 2-5 October 2012
logo
Texas Instruments
LP5910 TI-LP5910_V03 Datasheet
2Mb / 31P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
logo
Microchip Technology
MIC5396 MICROCHIP-MIC5396 Datasheet
3Mb / 26P
   Low-Power Dual 300 mA LDO
Rev. C .April 2022
logo
ON Semiconductor
NCP2860 ONSEMI-NCP2860_06 Datasheet
117Kb / 9P
   300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
   300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com