Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1286 Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM1286
Description  3 kV RMS Dual Channel Digital Isolators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1286 Datasheet(HTML) 2 Page - Analog Devices

  ADUM1286 Datasheet HTML 1Page - Analog Devices ADUM1286 Datasheet HTML 2Page - Analog Devices ADUM1286 Datasheet HTML 3Page - Analog Devices ADUM1286 Datasheet HTML 4Page - Analog Devices ADUM1286 Datasheet HTML 5Page - Analog Devices ADUM1286 Datasheet HTML 6Page - Analog Devices ADUM1286 Datasheet HTML 7Page - Analog Devices ADUM1286 Datasheet HTML 8Page - Analog Devices ADUM1286 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADuM1280/ADuM1281/ADuM1285/ADuM1286
Data Sheet
Rev. 0 | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagrams............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—5 V Operation................................ 3
Electrical Characteristics—3 V Operation................................ 4
Electrical Characteristics—Mixed 5 V/3 V Operation............ 5
Electrical Characteristics—Mixed 3 V/5 V Operation............ 6
Package Characteristics ............................................................... 7
Regulatory Information............................................................... 7
Insulation and Safety-Related Specifications............................ 7
DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
Insulation Characteristics............................................................ 8
Recommended Operating Conditions .......................................8
Absolute Maximum Ratings ............................................................9
ESD Caution...................................................................................9
Pin Configurations and Function Descriptions ......................... 10
Typical Performance Characteristics ........................................... 12
Applications Information .............................................................. 13
PC Board Layout ........................................................................ 13
Propagation Delay-Related Parameters................................... 13
DC Correctness and Magnetic Field Immunity..................... 13
Power Consumption .................................................................. 14
Insulation Lifetime..................................................................... 15
Outline Dimensions....................................................................... 16
Ordering Guide .......................................................................... 16
REVISION HISTORY
5/12—Revision 0: Initial Version


Similar Part No. - ADUM1286

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1286 AD-ADUM1286 Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1286ARZ AD-ADUM1286ARZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1286BRZ AD-ADUM1286BRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1286CRZ AD-ADUM1286CRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1286WARZ AD-ADUM1286WARZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
More results

Similar Description - ADUM1286

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
   3.0 kV rms, Dual-Channel Digital Isolators
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com