Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6298 Datasheet(PDF) 3 Page - Analog Devices

Part # FDS6298
Description  20 V, 6 A Synchronous Step-Down
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FDS6298 Datasheet(HTML) 3 Page - Analog Devices

  FDS6298 Datasheet HTML 1Page - Analog Devices FDS6298 Datasheet HTML 2Page - Analog Devices FDS6298 Datasheet HTML 3Page - Analog Devices FDS6298 Datasheet HTML 4Page - Analog Devices FDS6298 Datasheet HTML 5Page - Analog Devices FDS6298 Datasheet HTML 6Page - Analog Devices FDS6298 Datasheet HTML 7Page - Analog Devices FDS6298 Datasheet HTML 8Page - Analog Devices FDS6298 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
ADP2381
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VIN = 12 V, TJ = −40°C to +125°C for min/max specifications, and TA = 25°C for typical specifications, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
PVIN
PVIN Voltage Range
V
PVIN
4.5
20
V
Quiescent Current
I
Q
No switching
2
2.8
3.5
mA
Shutdown Current
I
SHDN
EN/SS = GND
80
130
170
µA
PVIN Undervoltage Lockout Threshold
PVIN rising
4.3
4.5
V
PVIN falling
3.7
3.9
V
FB
FB Regulation Voltage
V
FB
0°C < T
J < 85°C
0.594
0.6
0.606
V
−40°C < T
J < +125°C
0.591
0.6
0.609
V
FB Bias Current
I
FB
0.01
0.1
µA
ERROR AMPLIFIER (EA)
Transconductance
g
m
360
500
620
µS
EA Source Current
I
SOURCE
40
60
80
µA
EA Sink Current
I
SINK
40
60
80
µA
INTERNAL REGULATOR (VREG)
VREG Voltage
V
VREG
V
PVIN = 12 V, IVREG = 50 mA
7.6
8
8.4
V
Dropout Voltage
V
PVIN = 12 V, IVREG = 50 mA
350
mV
Regulator Current Limit
65
100
135
mA
SW
High-Side On Resistance1
V
BST − VSW = 5 V
44
70
High-Side Peak Current Limit
7.7
9.6
11.5
A
Negative Current-Limit Threshold Voltage2
20
mV
SW Minimum On Time
t
MIN_ON
120
170
ns
SW Minimum Off Time
t
MIN_OFF
200
300
ns
LOW-SIDE DRIVER (LD)
Rising Time2
t
R
C
DL = 2.2 nF; see Figure 17
20
ns
Falling Time2
t
F
C
DL = 2.2 nF; see Figure 20
10
ns
Sourcing Resistor
4
6
Ω
Sinking Resistor
2
3.5
Ω
BST
Bootstrap Voltage
V
BOOT
4.5
5
5.7
V
OSCILLATOR (RT PIN)
Switching Frequency
f
SW
RT pin connected to GND
210
290
360
kHz
RT pin open
400
550
690
kHz
R
OSC = 100 kΩ
425
500
570
kHz
Switching Frequency Range
f
SW
250
1400
kHz
SYNC
Synchronization Range
250
1400
kHz
SYNC Minimum Pulse Width
100
ns
SYNC Minimum Off Time
100
ns
SYNC Input High Voltage
1.3
V
SYNC Input Low Voltage
0.4
V
EN/SS
Enable Threshold
0.5
V
Internal Soft Start
1500
Clock cycles
SS Pin Pull-Up Current
I
SS_UP
2.6
3.3
4
µA


Similar Part No. - FDS6298

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6298 FAIRCHILD-FDS6298 Datasheet
311Kb / 5P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6298 FAIRCHILD-FDS6298 Datasheet
358Kb / 6P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6298 FAIRCHILD-FDS6298_07 Datasheet
358Kb / 6P
   30V N-Channel Fast Switching PowerTrench MOSFET
More results

Similar Description - FDS6298

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
   20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
Rev. C
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
logo
Texas Instruments
TPS50601-DIE TI1-TPS50601-DIE Datasheet
198Kb / 7P
[Old version datasheet]   6-A Synchronous Step Down SWIFT Converter
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
logo
Analog Devices
ADP2384 AD-ADP2384 Datasheet
650Kb / 24P
   20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
logo
Texas Instruments
TPS50601VTDC2 TI-TPS50601VTDC2 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com