Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL343 Datasheet(PDF) 10 Page - Analog Devices

Part # ADXL343
Description  3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL343 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADXL343 Datasheet HTML 6Page - Analog Devices ADXL343 Datasheet HTML 7Page - Analog Devices ADXL343 Datasheet HTML 8Page - Analog Devices ADXL343 Datasheet HTML 9Page - Analog Devices ADXL343 Datasheet HTML 10Page - Analog Devices ADXL343 Datasheet HTML 11Page - Analog Devices ADXL343 Datasheet HTML 12Page - Analog Devices ADXL343 Datasheet HTML 13Page - Analog Devices ADXL343 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADXL343
Preliminary Technical Data
Rev. PrA | Page 10 of 36
0
20
40
60
80
100
120
140
160
1.60 3.12 6.25 12.50 25
50
100 200 400 800 1600 3200
OUTPUT DATA RATE (Hz)
Figure 22. Current Consumption vs. Output Data Rate at 25°C—10 Parts,
VS = 2.5 V
0
50
100
150
200
2.0
2.4
2.8
3.2
3.6
SUPPLY VOLTAGE (V)
Figure 23. Supply Current vs. Supply Voltage, VS at 25°C


Similar Part No. - ADXL343

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL343 AD-ADXL343 Datasheet
601Kb / 36P
   Digital MEMS Accelerometer
REV. 0
ADXL343BCCZ AD-ADXL343BCCZ Datasheet
601Kb / 36P
   Digital MEMS Accelerometer
REV. 0
ADXL343BCCZ-RL AD-ADXL343BCCZ-RL Datasheet
601Kb / 36P
   Digital MEMS Accelerometer
REV. 0
ADXL343BCCZ-RL7 AD-ADXL343BCCZ-RL7 Datasheet
601Kb / 36P
   Digital MEMS Accelerometer
REV. 0
More results

Similar Description - ADXL343

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL346 AD-ADXL346 Datasheet
688Kb / 32P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Rev. PrC
ADXL346 AD-ADXL346_1 Datasheet
704Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL344 AD-ADXL344 Datasheet
593Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital MEMS Accelerometer
ADXL367 AD-ADXL367 Datasheet
2Mb / 64P
   Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
Rev. 0
ADXL313 AD-ADXL313 Datasheet
598Kb / 28P
   3-Axis, 짹0.5 g/짹1 g/짹2 g/짹4 g Digital Accelerometer
REV. 0
ADXL317 AD-ADXL317 Datasheet
637Kb / 38P
   3-Axis, 짹16 g, I2S Digital Accelerometer
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL312ACPZ AD-ADXL312ACPZ Datasheet
434Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL312 AD-ADXL312 Datasheet
434Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com