Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3001 Datasheet(PDF) 9 Page - Touchstone Semiconductor Inc

Part # TS3001
Description  A 1V/1uA Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3001 Datasheet(HTML) 9 Page - Touchstone Semiconductor Inc

Back Button TS3001 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 10Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TS3001
TS3001DS r1p0
Page 9
RTFDS
Using a Potentiometer to Trim the TS3001
’s
Output Frequency
By using a fixed resistor and a potentiometer, the
output frequency of the TS3001 can be trimmed as
shown in Figure 4. By selecting a fixed resistor R1
with a tolerance of 0.1% and a potentiometer P1 with
a 5% tolerance, the output frequency can be trimmed
to provide a ±2% trimming range. As shown in Figure
4, R1+P1 set the output frequency to 25.052kHz
when P1 = 0Ω and with P1 =200kΩ, the resulting
output frequency is 24.024kHz.
Using Standard Resistors to Increase FOUT
Resolution
The TS3001 can be configured to provide a 0.1%
resolution on the output frequency as shown in
Figure 5. To do so, R1 can be set to approximately
10% of the value selected for R2. In addition, R2 and
R1 should be chosen with a 0.1% and 1% tolerance,
respectively. Since R2 is 90% of the total resistance,
it has the largest impact on the resolution of the
output frequency. With R1 = 91kΩ and R2 = 910kΩ,
the output frequency is 90kHz and with R1 = 400kΩ
and R2 = 4MΩ, the output frequency is 23kHz.
Figure 4: Using a Fixed Resistor and a
Potentiometer to Trim the T 3001’s
Output Frequency.
Figure 5: Setting the
T 3001’s Output
Frequency to 0.1% Resolution using
Standard Resistors.


Similar Part No. - TS3001

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS3001 SILABS-TS3001 Datasheet
1Mb / 11P
   Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
List of Unclassifed Man...
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011-M000 SEMTECH-TS30011-M000 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
More results

Similar Description - TS3001

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
logo
Silicon Laboratories
TS3001 SILABS-TS3001 Datasheet
1Mb / 11P
   Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
TS3002 SILABS-TS3002 Datasheet
1Mb / 13P
   Easy-to-Use Silicon Oscillator/Timer
logo
Semtech Corporation
SX8122 SEMTECH-SX8122 Datasheet
537Kb / 16P
   1V Motor/LED timer
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
GPES209B1 GENERALPLUS-GPES209B1 Datasheet
277Kb / 13P
   Easy-to-use SOUNDPLUS
GPES240B2 GENERALPLUS-GPES240B2 Datasheet
390Kb / 14P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com