Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3001 Datasheet(PDF) 10 Page - Touchstone Semiconductor Inc

Part # TS3001
Description  A 1V/1uA Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3001 Datasheet(HTML) 10 Page - Touchstone Semiconductor Inc

Back Button TS3001 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 10Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TS3001
Touchstone Semiconductor, Inc.
Page 10
630 Alder Drive, Milpitas, CA 95035
TS3001DS r1p0
+1 (408) 215 - 1220
▪ www.touchstonesemi.com
RTFDS
PACKAGE OUTLINE DRAWING
Information furnished by Touchstone Semiconductor is believed to be accurate and reliable. However, Touchstone Semiconductor does not
assume any responsibility for its use nor for any infringements of patents or other rights of third parties that may result from its use, and all
information provided by Touchstone Semiconductor and its suppliers is provided on an AS IS basis, WITHOUT WARRANTY OF ANY KIND.
Touchstone Semiconductor reserves the right to change product specifications and product descriptions at any time without any advance
notice. No license is granted by implication or otherwise under any patent or patent rights of Touchstone Semiconductor. Touchstone
Semiconductor assumes no liability for applications assistance or customer product design. Customers are responsible for their products and
applications using Touchstone Semiconductor components. To minimize the risk associated with customer products and applications,
customers should provide adequate design and operating safeguards. Trademarks and registered trademarks are the property of their
respective owners.
BOTTOM VIEW
SIDE VIEW
NOTE:
All dimensions are in mm.
Compliant with JEDEC MO-229
8-Pin TDFN22 Package Outline Drawing
(N.B., Drawings are not to scale)


Similar Part No. - TS3001

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS3001 SILABS-TS3001 Datasheet
1Mb / 11P
   Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
List of Unclassifed Man...
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011-M000 SEMTECH-TS30011-M000 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
More results

Similar Description - TS3001

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
logo
Silicon Laboratories
TS3001 SILABS-TS3001 Datasheet
1Mb / 11P
   Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
TS3002 SILABS-TS3002 Datasheet
1Mb / 13P
   Easy-to-Use Silicon Oscillator/Timer
logo
Semtech Corporation
SX8122 SEMTECH-SX8122 Datasheet
537Kb / 16P
   1V Motor/LED timer
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
GPES209B1 GENERALPLUS-GPES209B1 Datasheet
277Kb / 13P
   Easy-to-use SOUNDPLUS
GPES240B2 GENERALPLUS-GPES240B2 Datasheet
390Kb / 14P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com