Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS12012 Datasheet(PDF) 2 Page - Touchstone Semiconductor Inc

Part # TS12012
Description  A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS12012 Datasheet(HTML) 2 Page - Touchstone Semiconductor Inc

  TS12012 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS12012 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS12012 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS12012 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS12012 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS12012 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS12012 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS12012 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS12012 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TS12011/TS12012
Page 2
TS12011_12DS r1p0
RTFDS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD to VSS) ................................................. +2.75 V
Input Voltage
AMPIN+, AMPIN-
…………………….….V
SS – 0.3V to VDD + 0.3V
COMPIN+, COMPIN-
…..........................V
SS – 0.3V to VDD + 0.3V
T………………………………..…….….. V
SS - 0.3V to +5.5V
Output Voltage
AMPOUT, REF
OUT……….………….....V
SS – 0.3V to VDD + 0.3V
COMPOUT (TS12011)
………….........…V
SS - 0.3V to VDD + 0.3V
COMPOUT (TS12012)
……...…..………….…V
SS - 0.3V to +5.5V
Differential Input Voltage (AMPIN, COMPIN)........................ ±2.75V
Output Current
AMPOUT, COMPOUT…………………...............................50mA
Short-Circuit Duration
(REFOUT, AMPOUT, COMPOUT
)………………...….Continuous
Continuous Power Dissipation (TA = +70°C)
10-Pin TDFN (Derate at 13.48mW/°C above +70°C) ......... 1078mW
Operating Temperature Range................................ -40°C to +85°C
Junction Temperature……………………………………..……+150°C
Storage Temperature Range................................. -65°C to +150°C
Lead Temperature (Soldering, 10s) ..................................... +300°C
Electrical and thermal s
tresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PART
MARKING
CARRIER QUANTITY
ORDER NUMBER
PART
MARKING
CARRIER QUANTITY
TS12011ITD1022TP
AAL
Tape
& Reel
-----
TS12012ITD1022TP
AAM
Tape
& Reel
-----
TS12011ITD1022T
Tape
& Reel
3000
TS12012ITD1022T
Tape
& Reel
3000
Lead-free Program: Touchstone Semiconductor supplies only lead-free packaging.
Consult Touchstone Semiconductor for products specified with wider operating temperature ranges.


Similar Part No. - TS12012

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS12012 SILABS-TS12012 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
TS12012ITD1022 SILABS-TS12012ITD1022 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
TS12012ITD1022T SILABS-TS12012ITD1022T Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
More results

Similar Description - TS12012

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
logo
Linear Technology
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com