Electronic Components Datasheet Search |
|
ADR4540ARZ Datasheet(PDF) 3 Page - Analog Devices |
|
ADR4540ARZ Datasheet(HTML) 3 Page - Analog Devices |
3 / 32 page Data Sheet ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550 Rev. 0 | Page 3 of 32 SPECIFICATIONS ADR4520 ELECTRICAL CHARACTERISTICS Unless otherwise noted, VIN = 3 V to 15 V, IL = 0 mA, TA = 25°C. Table 3. Parameter Symbol Test Conditions/Comments Min Typ Max Unit OUTPUT VOLTAGE VOUT 2.048 V INITIAL OUTPUT VOLTAGE ERROR VOUT_ERR B grade ±0.02 % 410 μV A grade ±0.04 % 820 μV SOLDER HEAT SHIFT ±0.02 % TEMPERATURE COEFFICIENT TCVOUT B grade, −40°C ≤ TA ≤ +125°C 2 ppm/°C A grade, −40°C ≤ TA ≤ +125°C 4 ppm/°C LINE REGULATION ΔVOUT/ΔVIN −40°C ≤ TA ≤ +125°C 1 10 ppm/V LOAD REGULATION ΔVOUT/ΔIL IL = 0 mA to +10 mA source, −40°C ≤ TA ≤ +125°C 30 80 ppm/mA IL = 0 mA to −10 mA sink, −40°C ≤ TA ≤ +125°C 100 120 ppm/mA QUIESCENT CURRENT IQ −40°C ≤ TA ≤ +125°C, no load 700 950 μA DROPOUT VOLTAGE VDO −40°C ≤ TA ≤ +125°C, no load 1 V −40°C ≤ TA ≤ +125°C, IL = 2 mA 1 V RIPPLE REJECTION RATIO RRR fIN = 1 kHz 90 dB OUTPUT CURRENT CAPACITY IL Sinking −8 mA Sourcing 10 mA OUTPUT VOLTAGE NOISE eNp-p 0.1 Hz to 10.0 Hz 1.0 μV p-p OUTPUT VOLTAGE NOISE DENSITY eN 1 kHz 35.8 nV/√Hz OUTPUT VOLTAGE HYSTERESIS ΔVOUT_HYS TA = temperature cycled from +25°C to −40°C to +125°C and back to +25°C 50 ppm LONG-TERM DRIFT ΔVOUT_LTD 1000 hours at 60°C 25 ppm TURN-ON SETTLING TIME tR IL = 0 mA, CL = 1 µF, CIN = 0.1 µF, RL = 1 kΩ 90 µs LOAD CAPACITANCE 1 100 µF |
Similar Part No. - ADR4540ARZ |
|
Similar Description - ADR4540ARZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |