Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67100-H5148 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # Q67100-H5148
Description  Quarter PIP Processor
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-H5148 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button Q67100-H5148 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-H5148 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-H5148 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-H5148 Datasheet HTML 9Page - Siemens Semiconductor Group Q67100-H5148 Datasheet HTML 10Page - Siemens Semiconductor Group Q67100-H5148 Datasheet HTML 11Page - Siemens Semiconductor Group Q67100-H5148 Datasheet HTML 12Page - Siemens Semiconductor Group Q67100-H5148 Datasheet HTML 13Page - Siemens Semiconductor Group Q67100-H5148 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
SDA 9189X
Semiconductor Group
10
03.96
1.3
Pin Definitions and Functions
Pin No.
Symbol
Function1) Descriptions
1
VSI
I/TTL
Inset vertical sync input
2
XIN
I
PLL quartz oscillator input
3
XQ
Q
PLL quartz oscillator output
4
ADR
I
3-L
I2C address
5
V
REF
I/ana
DACs reference voltage
6
V
DDA
S
DACs and PLL positive voltage supply
7
V
SS
S
Digital ground
8
OUT1
Q/ana
Analog output R or + (R-Y) or – (R-Y)
9
OUT2
Q/ana
Analog output G or Y
10
OUT3
Q/ana
Analog output B or + (B-Y) or – (B-Y)
11
ANACON
Q/ana
Analog output (e.g. color decoder adjustment)
12
V
SSA
S
DACs and PLL ground
13
V
DD
S
Digital positive voltage supply
14
SEL
Q/var
Signals OUT1 - OUT3 valid
15
HSP
I/TTL
Parent horizontal sync input
16
VSP
I/TTL
Parent vertical sync input
17
SDA
IQ/TTL
I2C data input/output
18
SCL
I/TTL
I2C clock
19
V
SS
S
Digital ground
20
LL3I
I/TTL
Line locked clock inset picture
21
UVIN0
I/TTL
Digital UV input data
22
UVIN1
I/TTL
Digital UV input data
23
UVIN2
I/TTL
Digital UV input data
24
UVIN3
I/TTL
Digital UV input data
1) S: supply, I: input, Q: output, TTL: digital (TTL), ana: analog, 3-L: 3 level signal,
var: variable configuration of output stage (open source, open drain, TTL)


Similar Part No. - Q67100-H5148

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-H5142 SIEMENS-Q67100-H5142 Datasheet
462Kb / 31P
   Picture-in-Picture Processor with On-Chip PLL
More results

Similar Description - Q67100-H5148

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8310 PHILIPS-TDA8310 Datasheet
92Kb / 24P
   PAL/NTSC colour processor for PIP applications
February 1995
TDA8310A PHILIPS-TDA8310A Datasheet
129Kb / 24P
   PAL/NTSC colour processor for PIP applications
1996 Jan 25
logo
Sanyo Semicon Device
LC74401E SANYO-LC74401E Datasheet
391Kb / 19P
   PIP Controllers
LC74411N SANYO-LC74411N Datasheet
174Kb / 14P
   PIP Controller
LC7442 SANYO-LC7442 Datasheet
404Kb / 22P
   PIP Controller?
logo
NXP Semiconductors
SAB9077H PHILIPS-SAB9077H Datasheet
192Kb / 32P
   Picture-In-Picture PIP controller
1996 Aug 07
logo
Siemens Semiconductor G...
SDA9288X SIEMENS-SDA9288X Datasheet
744Kb / 46P
   Single Chip PIP System
logo
FCI connector
10101229-101LF FCI-CONNECTOR-10101229-101LF Datasheet
229Kb / 3P
   R/A Header, PIP
logo
NXP Semiconductors
SAB9081 PHILIPS-SAB9081 Datasheet
101Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
SAB9076H PHILIPS-SAB9076H Datasheet
235Kb / 32P
   Picture-In-Picture PIP controller
1996 Aug 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com