Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-2145-BA04L-154 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # A-2145-BA04L-154
Description  KK 156 PCB ASSY 2145 BOTTOM ENTRY SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

A-2145-BA04L-154 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  A-2145-BA04L-154 Datasheet HTML 1Page - Molex Electronics Ltd. A-2145-BA04L-154 Datasheet HTML 2Page - Molex Electronics Ltd. A-2145-BA04L-154 Datasheet HTML 3Page - Molex Electronics Ltd. A-2145-BA04L-154 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KK 156 PCB ASSY 2-15 CKT
2145 BOTTOM ENTRY SERIES
REV:
CHANGE PLATING
TITLE:
KK 156 PCB ASSY
2145 BOTTOM ENTRY SERIES
SHEET No.
Z
UCP2012-1821
- 4 -
1/04/2012 MMSTROH
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-2145-003
MMSTROH
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Assy Proc:
BOTTOM ENTRY
Assy Proc:
Assy Proc:
Assy Proc:
Housing No:
2145-N-AN
Housing No:
Housing No:
Housing No:
Terminal No:
6298-154
Terminal No:
Terminal No:
Terminal No:
Dim C:
.160 / 4.06
Dim C:
Dim C:
Dim C:
Plating:
154-TIN
Plating:
Plating:
Plating:
Packaging:
PK-2145-001
Packaging:
Packaging:
Packaging:
Voids:
NO
Voids:
Voids:
Voids:
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
50-30-4405
A-2145-BA02L-154
3
50-30-4406
A-2145-BA03L-154
4
50-30-4407
A-2145-BA04L-154
5
50-30-4408
A-2145-BA05L-154
6
50-30-4409
A-2145-BA06L-154
7
50-30-4411
A-2145-BA07L-154
8
50-30-4412
A-2145-BA08L-154
9
50-30-4413
A-2145-BA09L-154
10
50-30-4414
A-2145-BA10L-154
11
50-30-4415
A-2145-BA11L-154
12
50-30-4416
A-2145-BA12L-154
13
50-30-4417
A-2145-BA13L-154
14
50-30-4418
A-2145-BA14L-154
15
50-30-4419
A-2145-BA15L-154


Similar Part No. - A-2145-BA04L-154

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-2145-BA04L-102 MOLEX1-A-2145-BA04L-102 Datasheet
136Kb / 6P
   3.96mm (.156") Pitch KK짰 PC Board Connector, Bottom Entry, Nylon Connector, 5.0關m (200關") Tin (Sn), 4 Circuits
More results

Similar Description - A-2145-BA04L-154

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
09-52-1026 MOLEX11-09-52-1026 Datasheet
200Kb / 6P
   KK 156 PCB ASSY 2145 RIGHT ANGLE SERIES
09-52-1023 MOLEX11-09-52-1023 Datasheet
183Kb / 4P
   KK 156 HOUSING ASSY PC TAIL TOP ENTRY
0026116155 MOLEX3-0026116155 Datasheet
226Kb / 4P
   3.96mm (.156") Pitch KK PC Board Connector, Bottom Entry, Nylon Connector
009481024 MOLEX-009481024 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
09-48-1024 MOLEX11-09-48-1024 Datasheet
339Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
022142024 MOLEX-022142024 Datasheet
544Kb / 15P
   KK 100 PCB ASSY 4455 SERIES DWG
2022/07/29
50-29-0035 MOLEX11-50-29-0035 Datasheet
428Kb / 15P
   KK 100 PCB ASSY 4455 SERIES DWG
038001332 MOLEX-038001332 Datasheet
544Kb / 15P
   KK 100 PCB ASSY 4455 SERIES DWG
2022/07/29
logo
Tyco Electronics
2-1102291-1 MACOM-2-1102291-1 Datasheet
497Kb / 1P
   Surface mounted bottom entry assy HB.24
logo
Molex Electronics Ltd.
026602020 MOLEX-026602020 Datasheet
287Kb / 6P
   KK .156 HEADER ASSY FLAT VERT W/O PEGS
2004/03/24
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com