Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER202GB-G Datasheet(PDF) 4 Page - Comchip Technology

Part # HER202GB-G
Description  High Efficiency Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

HER202GB-G Datasheet(HTML) 4 Page - Comchip Technology

  HER202GB-G Datasheet HTML 1Page - Comchip Technology HER202GB-G Datasheet HTML 2Page - Comchip Technology HER202GB-G Datasheet HTML 3Page - Comchip Technology HER202GB-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
Standard Packaging
Marking Code
XXX = Product type marking code
Marking code
HER201G
HER202G
HER203G
HER204G
HER205G
HER206G
HER207G
HER208G
HER201G
HER202G
HER203G
HER204G
HER205G
HER206G
HER207G
HER208G
HER201G
HER202G
HER203G
HER204G
HER205G
HER206G
HER207G
HER208G
Part Number
HER201GT-G
HER202GT-G
HER203GT-G
HER204GT-G
HER205GT-G
HER206GT-G
HER207GT-G
HER208GT-G
HER201GB-G
HER202GB-G
HER203GB-G
HER204GB-G
HER205GB-G
HER206GB-G
HER207GB-G
HER208GB-G
HER201GA-G
HER202GA-G
HER203GA-G
HER204GA-G
HER205GA-G
HER206GA-G
HER207GA-G
HER208GA-G
Packaging
AMMO
AMMO
AMMO
AMMO
AMMO
AMMO
AMMO
AMMO
REEL
REEL
REEL
REEL
REEL
REEL
REEL
REEL
BULK
BULK
BULK
BULK
BULK
BULK
BULK
BULK
1) Suffix code after part number to specify packaging item .
Note:
Packaging
AMMO PACK
REEL PACK
Code
A
T
BULK PACK
B
Case Type
DO-15
500
BOX
( pcs )
BULK PACK
CARTON
( pcs )
12,000
Case Type
DO-15
2,000
BOX
( pcs )
3,000
AMMO PACK
CARTON
( pcs )
20,000
30,000
Case Type
DO-15
4,000
REEL
( pcs )
REEL PACK
Reel Size
(inch)
13
High Efficiency Rectifiers
REV:A
Comchip Technology CO., LTD.
QW-BU011
HERXXXG


Similar Part No. - HER202GB-G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER202G JGD-HER202G Datasheet
172Kb / 2P
   2.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
HER202G LUGUANG-HER202G Datasheet
1Mb / 2P
   2.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Chongqing Pingwei Enter...
HER202G CHONGQING-HER202G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
logo
Goodwork Semiconductor ...
HER202G GWSEMI-HER202G Datasheet
70Kb / 2P
   2.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
GOOD-ARK Electronics
HER202G GOOD-ARK-HER202G Datasheet
118Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
More results

Similar Description - HER202GB-G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com