Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB140B-G Datasheet(PDF) 2 Page - Comchip Technology

Part # SB140B-G
Description  Leaded Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SB140B-G Datasheet(HTML) 2 Page - Comchip Technology

  SB140B-G Datasheet HTML 1Page - Comchip Technology SB140B-G Datasheet HTML 2Page - Comchip Technology SB140B-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES (
)
SB120-G Thru. SB1100-G
Page 2
QW-BB040
REV:A
Fig.1- Forward Current Derating Curve
0
Lead Temperature, ( °C )
0
75
175
Fig.2 - Maximum Non-repetitive Peak
Forward Surge Current
Number of Cycles at 60Hz
Fig.3 - Typical Instantaneous Forward
Characteristics
Instantaneous Forward Voltage, (V)
50
100
125
0.4
0.8
1.2
Fig.4A - Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage, (%)
25
150
Fig.5 - Typical Junction Capacitance
Reverse Voltage, (V)
Leaded Schottky Barrier Rectifiers
1.0
0.6
0.2
Comchip Technology CO., LTD.
0
20
40
60
80
100
120
140
100
10
1.0
0.1
0.01
0.001
Fig. 4B - Typeical Reverse Characteristic
Percent of Rated Peak Reverse Voltage, ( %)
1
10
100
1
10
100
TL=110°C
8.3mS single half sine-wave
(JEDEC Method)
0.1
1.0
10
100
100
1000
10
TJ=25°C
f=1.0MHz
SB120-G ~ SB145-G
SB150
~ SB1100
-G
-G
single phase half wave 60Hz
resistive or inductive load
3.75”(9.5mm) lead length
0
0.2
0.4
0.6
0.8
1.0
pulse width =300µS
1% duty cycle, Tj=25°C
10
1.0
0.1
0.01
SB120-G ~ SB145-G
SB150
~ SB160
-G
-G
SB180
~ SB1100
-G
-G
TJ=25°C
TJ=75°C
TJ=125°C
SB120-G ~ SB145-G
SB120-G ~ SB1100-G
1000
100
10
1.0
0.1
0.01
0
20
40
60
80
100
TJ=25°C
TJ=100°C
TJ=125°C
TJ=150°C
Comchip
S M D D i o d e S p e c i a l i s t


Similar Part No. - SB140B-G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB140 PANJIT-SB140 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
SB140 PANJIT-SB140 Datasheet
56Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
SB140 VISHAY-SB140 Datasheet
109Kb / 2P
   Schottky Barrier Rectifier
04-Jun-03
logo
Unisonic Technologies
SB140 UTC-SB140 Datasheet
129Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SB140 ZSELEC-SB140 Datasheet
128Kb / 2P
   1.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - SB140B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SB520-G COMCHIP-SB520-G Datasheet
60Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB220-G COMCHIP-SB220-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB320-G COMCHIP-SB320-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB320E-G COMCHIP-SB320E-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB520E-G COMCHIP-SB520E-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SR52 CITC-SR52 Datasheet
457Kb / 3P
   5A Leaded Type Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
1N5820 SUNMATE-1N5820 Datasheet
77Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifiers
SR502 SUNMATE-SR502 Datasheet
121Kb / 2P
   5.0A Axial Leaded Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com