Electronic Components Datasheet Search |
|
AM60510-24 Datasheet(PDF) 11 Page - Molex Electronics Ltd. |
|
AM60510-24 Datasheet(HTML) 11 Page - Molex Electronics Ltd. |
11 / 39 page Hawk Discrete Wire Termination Machine Order No TM-011200949 Release Date: 02-16-97 UNCONTROLLED COPY Page 11 of 39 Revision: D Revision Date: 03-03-11 Figure 2-6 TERMINAL WIRE WIRE STOP Figure 2-7 3. Be sure all guards are in place. Both the operator and bystanders must wear approved safety glasses when terminator is in operation. NEVER operate this terminator without guards in place. 4. Make sure the unit is plugged into a grounded outlet. Check the connection at both ends of the power cord. Also check that the power cord is not damaged or in danger of being damaged. 5. Check that the terminator position is suitable for the operator’s size. The foot pedal should be positioned for ease of use. A stool or chair with adjustable height and backrest should be provided for maximum comfort and back support to the operator. The machine should be located parallel and approximately 150mm (6 in) from the edge of the table. A chair or stool, with adjustable height and back rest, should be provided for maximum comfort and back support for the operator. 6. Be sure all setup procedures were followed and that terminations are within specifications. See Appendix A for termination specifications. 2.8 Operation 1. Set housing and shuttle stops and circuit counter as described in Sections 2.2 and 2.6. 2. Turn air "on" and push reset button to reset nest to the #1 position. 3. Load a tube of connectors with the terminals up and forward. 4. To start cycle, pull connector shift nest knob forward. 5. When the connector is in the shift nest, push the shift nest knob all the way "in". This will load the connector into the nest, ready for termination. If a connector is already in the nest it will automatically cycle through the insertion cycle and be ready for removal. 6. To load wires, insert appropriate wire under termination punches until it stops. The wire must be perpendicular to the face of the tooling and not angled up or down. See Figure 2-7 and 2-8 for correct position. When the wire is in the correct position, press the foot switch 7. Repeat operation until connector is complete. Machine will automatically reset and loaded connector is ready for removal. 8. Repeat Steps 4 and 5 then remove connector by pulling the wires briskly to the left. 9. Repeat steps 6 through 8 until tube is empty or the run is complete. NOTE: The machine should be kept clean and free of carrier strips and other debris. |
Similar Part No. - AM60510-24 |
|
Similar Description - AM60510-24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |