Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES51911 Datasheet(PDF) 6 Page - Cyrustek corporation

Part # ES51911
Description  11,000 Counts Auto DMM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51911 Datasheet(HTML) 6 Page - Cyrustek corporation

Back Button ES51911_11 Datasheet HTML 2Page - Cyrustek corporation ES51911_11 Datasheet HTML 3Page - Cyrustek corporation ES51911_11 Datasheet HTML 4Page - Cyrustek corporation ES51911_11 Datasheet HTML 5Page - Cyrustek corporation ES51911_11 Datasheet HTML 6Page - Cyrustek corporation ES51911_11 Datasheet HTML 7Page - Cyrustek corporation ES51911_11 Datasheet HTML 8Page - Cyrustek corporation ES51911_11 Datasheet HTML 9Page - Cyrustek corporation ES51911_11 Datasheet HTML 10Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
v1.2
11/09/06
6
Sensitivity in Frequency mode
Input from FREQ
Duty cycle=50%
600
mV(Vpp)
Reference voltage temperature
coefficient
TCRF
100KΩ
resister
Between
VRH
0℃<TA<70℃
50
ppm/℃
Capacitance measurement accuracy2
11nF
1.5
%
15
Digits
110nF/1.1µF
1.0
%
10
Digits
11µF/110µF/1.1mF
1.0
%
5
Digits
11mF/110mF
1.5
%
5
Digits
Note
:
1.Full Scale
2.Above specification from 11nF to 1.1uF ranges are specified under REL mode.
Function Description
1.
Operating Modes
1.1 Voltage Measurement
A re-configurable voltage divider automatically provides a suitable range in voltage
measurement mode. The following table summarizes the full-scale ranges in each
configuration.
Configuration
Full Scale Range
Divider Ratio
Resister Connection
VR1
110.00mV
1
R1
VR2
1.1000V
1/10
R2 / (R1+R2)
VR3
11.000V
1/100
R3 / (R1+R3)
VR4
110.00V
1/1000
R4 / (R1+R4)
VR5
1100.0V
1/10000
R5 / (R1+R5)
Note: 110.00mV range only exists in manual mode.
1.1.2 CE selection
ES51911 has a CE selection feature archived by configuring an CESEL pin. If pin
CESEL is connected to DGND or floating, ES51911 will have a 610.0V overflow level
in DC and AC 1100.0V ranges. If pin CESEL is connected to V-, ES51911 will have a
1010.0V overflow level in DC and AC 1100.0V ranges. The meter will Show OL when
the measuring signal reaches the overflow level. The configuration of CESEL is listed
below.
CESEL
DCV
ACV
V-
1010.0V
1010.0V
DGND or floating
610.0V
610.0V


Similar Part No. - ES51911_11

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
More results

Similar Description - ES51911_11

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com