Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES51967 Datasheet(PDF) 1 Page - Cyrustek corporation

Part # ES51967
Description  6,600 Counts Auto DMM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51967 Datasheet(HTML) 1 Page - Cyrustek corporation

  ES51967_11 Datasheet HTML 1Page - Cyrustek corporation ES51967_11 Datasheet HTML 2Page - Cyrustek corporation ES51967_11 Datasheet HTML 3Page - Cyrustek corporation ES51967_11 Datasheet HTML 4Page - Cyrustek corporation ES51967_11 Datasheet HTML 5Page - Cyrustek corporation ES51967_11 Datasheet HTML 6Page - Cyrustek corporation ES51967_11 Datasheet HTML 7Page - Cyrustek corporation ES51967_11 Datasheet HTML 8Page - Cyrustek corporation ES51967_11 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
v2.6
10/09/27
1
ES51967
6,600 Counts Auto DMM
Features
6,600 counts LCD display
100L QFP package
3V DC power supply
Conversion rate : 3 times/s
Full automatic measurement
*Voltage measurement: 660.0mV – 1000V
*Current measurement: μA/mA/A
*Resistance measurement: 660.0Ω – 66.00MΩ
*Capacitance measurement: 6.600nF –
66.00mF(6.6sec) (Taiwan patent no.: 453443)
*Frequency counter: 660.0Hz – 66.00MHz
Current modes for clamp meter with ZERO
function
Duty cycle measurement: 10.0% – 94.9% (0.66sec)
Diode measurement
Continuity check
4 ADP modes with external reference voltage and
independent “ADP” segment on LCD panel
Temperature mode with internal scale translation
circuit from 0C to 0F
Push functions:
*KEY function
*Range change function
*Relative function
*Zero function: DCA for clampmeter only
*VAHz function (Taiwan patent no.: 510502)
*Data hold function
*MAX/MIN function
*Back light function
High crest factor signal detection
(Taiwan patent no.: 234661)
Band-gap reference voltage output
OL/UL state indicator in ADP modes.
CE selection (DC/AC 1010V, DC/AC 610V)
Serial data output (RS232 format)
LCD segment check when power on
Auto power off (30min/15min)
Sleep state indicative signal output
Re-power on
On-chip buzzer driver
Low battery detection for 3V or 9V battery
Description
ES51967 is an integrated analog-to-digital
converter (ADC) with 6,600 counts LCD
display, automatic range selection, and 3V DC
power supply. Automatic range selection is
provided for voltage (AC/DC) measurement,
resistance measurement, current measurement,
capacitance measurement, and frequency
counter. Expensive and bulky mechanical
range switches are not required. Other features
include relative value display, zero feature for
DCA clampmeter, VAHZ function, data
holding, maximum and minimum value
holding, duty cycle measurement, diode
measurement,
temperature
measurement,
continuity checking, low battery detection,
auto power off, re-power on, backlight driver,
buzzer driver and RS232 data output.


Similar Part No. - ES51967_11

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
More results

Similar Description - ES51967_11

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51969 CYRUSTEK-ES51969_11 Datasheet
841Kb / 32P
   6,600 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com