Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES51969 Datasheet(PDF) 5 Page - Cyrustek corporation

Part # ES51969
Description  6,600 Counts Auto DMM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51969 Datasheet(HTML) 5 Page - Cyrustek corporation

  ES51969 Datasheet HTML 1Page - Cyrustek corporation ES51969 Datasheet HTML 2Page - Cyrustek corporation ES51969 Datasheet HTML 3Page - Cyrustek corporation ES51969 Datasheet HTML 4Page - Cyrustek corporation ES51969 Datasheet HTML 5Page - Cyrustek corporation ES51969 Datasheet HTML 6Page - Cyrustek corporation ES51969 Datasheet HTML 7Page - Cyrustek corporation ES51969 Datasheet HTML 8Page - Cyrustek corporation ES51969 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
v2.61
5
10/09/27
Absolute Maximum Ratings
Characteristic
Rating
Supply Voltage (V- to AGND)
-4V
Analog Input Voltage
V- -0.6 to V+ +0.6
V+
V+
(AGND/DGND+0.5V)
AGND/DGND
AGND/DGND
(V- -0.5V)
Digital Input
V- -0.6 to DGND +0.6
Power Dissipation. Flat Package
500mW
Operating Temperature
0℃ to 70℃
Storage Temperature
-25℃ to 125℃
Electrical Characteristics
TA=25℃, V- = -3V
Parameter
Symbol
Test Condition
Min.
Typ.
Max
Units
Power supply
V-
-3.5
-3.0
-2.2
V
Operating supply current
In DCV mode
IDD
Normal operation
1.9
2.2
mA
ISS
In sleep mode
2.5
5
µA
Voltage roll-over error
REV
10MΩ input resistor
±0.1
%F.S1
Voltage nonlinearity
NLV
Best case straight
line
±0.1
%F.S
Input Leakage
-10
1
10
PA
Low battery flag voltage
V- to AGND
-2.4
-2.3
-2.2
V
Zero input reading
10MΩ input resistor
-000
000
+000 counts
Reference voltage and open circuit
voltage for 660Ω measurement
VREF
100KΩ resistor
between VRH and
AGND
-1.3
-1.2
-1.1
V
Peak to peak backplane
drive voltage
-3.5V
V -2.2V
3.1
3.2
3.3
V
Counter time base period
fOSC = 4MHZ
1
sec
Open circuit voltage for Ω
measurement (except 660Ω)
Ω
and Continuity
Mode
-0.86
-0.78
-0.70
V
Internal pull-high to 0V
current
Between V- pin and
HOLD, RANGE,
KEY, FC1, FC2,
FC3, FC4, FC5,
BKLIT,MAXMIN
1.2
µA
Between V- pin
and RS232
11
Internal pull-low to V-
current
Between GND Pin
and SLACDC
1.5
µA
AC frequency response at 6.600V
range
±1%
40-400
HZ
±5%
400-2000
Reference voltage temperature
coefficient
TCRF
100KΩ
resister
Between
VRH
0℃<TA<70℃
50
ppm/℃


Similar Part No. - ES51969

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results

Similar Description - ES51969

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51967 CYRUSTEK-ES51967_11 Datasheet
820Kb / 30P
   6,600 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com