Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES51995 Datasheet(PDF) 8 Page - Cyrustek corporation

Part # ES51995
Description  DMM Analog front end with PEAK
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51995 Datasheet(HTML) 8 Page - Cyrustek corporation

Back Button ES51995 Datasheet HTML 4Page - Cyrustek corporation ES51995 Datasheet HTML 5Page - Cyrustek corporation ES51995 Datasheet HTML 6Page - Cyrustek corporation ES51995 Datasheet HTML 7Page - Cyrustek corporation ES51995 Datasheet HTML 8Page - Cyrustek corporation ES51995 Datasheet HTML 9Page - Cyrustek corporation ES51995 Datasheet HTML 10Page - Cyrustek corporation ES51995 Datasheet HTML 11Page - Cyrustek corporation ES51995 Datasheet HTML 12Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
ver. 2.8
12/01/12
8
ES51995(6000counts)
DMM Analog front end with PEAK
Function Description
1.
MPU serial I/O function overview
1.1 Introduction
ES51995 configures a 3-wire serial I/O interface to external microprocessor unit (MPU).
The SDATA pin is bi-directional and SCLK & DATA_NEW are unilateral. The SDATA pin
is configured by open-drain circuit design. The DATA_NEW is used to check the data
buffer of ADC ready or not. When the ADC conversion cycle is finished, the DATA_NEW
pin will be pulled high until MPU send a valid read command to ES51995. After the first ID
byte is confirmed, the DATA_NEW will be driven to low until the next ADC conversion
finished again.
The data communication protocol is shown below. The write protocol is configured by an
ID byte with four command bytes. The read protocol is configured by an ID byte with ten
data bytes.
Write command:
ID byte, Write control byte1, Write control byte2, Write control byte3, Write control byte4
Read command:
ID byte, Read data byte1, Read data byte2 ~ Read data byte9, Read data byte10
1 1 0
0
0 1
WRITE
A
C
K
A
C
K
A
C
K
A
C
K
START BIT
STOP BIT
0
B
U
Z
A
C
K
1 1 0
0
0 1
WRITE
A
C
K
A
C
K
A
C
K
A
C
K
START BIT
STOP BIT
0
B
U
Z
A
C
K
A
C
K
1 1 0
0
0 1
A
C
K
START BIT
STOP BIT
A
C
K
A
C
K
A
C
K
A
C
K
N
A
K
READ
1
B
U
Z
1 1 0
0
0 1
A
C
K
START BIT
STOP BIT
A
C
K
A
C
K
A
C
K
A
C
K
N
A
K
READ
1
B
U
Z
SCLK
SDATA
DATA_NEW
ADC data ready
Next ADC data ready
1
1
0
0
1
0
ID code confirmed
1
Read command
Start bit
Stop bit
ID code
SCLK
SDATA
DATA_NEW
ADC data ready
Next ADC data ready
1
1
0
0
1
0
ID code confirmed
1
Read command
Start bit
Stop bit
ID code


Similar Part No. - ES51995

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51990 CYRUSTEK-ES51990 Datasheet
772Kb / 26P
   DMM Analog front end
ES51991 CYRUSTEK-ES51991 Datasheet
296Kb / 16P
   11,000 Counts ADC
ES51992 CYRUSTEK-ES51992 Datasheet
398Kb / 17P
   11,000 Counts ADC
ES51993 CYRUSTEK-ES51993 Datasheet
411Kb / 18P
   11,000 Counts ADC
ES51996 CYRUSTEK-ES51996 Datasheet
1Mb / 30P
   DMM Analog front end/Insulation
More results

Similar Description - ES51995

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51990 CYRUSTEK-ES51990 Datasheet
772Kb / 26P
   DMM Analog front end
ES51997 CYRUSTEK-ES51997 Datasheet
829Kb / 28P
   DMM Analog front end
ES51970 CYRUSTEK-ES51970 Datasheet
782Kb / 26P
   DMM Analog front end with Inrush
ES51980 CYRUSTEK-ES51980 Datasheet
1Mb / 29P
   DMM Analog front end with Inrush
ES222 CYRUSTEK-ES222 Datasheet
703Kb / 32P
   DMM Analog front end/Inrush
ES51998 CYRUSTEK-ES51998 Datasheet
1Mb / 31P
   DMM Analog front end/Insulation
ES51996 CYRUSTEK-ES51996 Datasheet
1Mb / 30P
   DMM Analog front end/Insulation
logo
HYCON Technology Corpor...
HY3131 HYCON-HY3131 Datasheet
1Mb / 42P
   5,000/50,000 Counts DMM Analog Front End
HY3130 HYCON-HY3130 Datasheet
1,013Kb / 42P
   5,000/50,000 Counts DMM Analog Front End
logo
Fortune Semiconductor C...
FS970X FORTUNE-FS970X Datasheet
1Mb / 46P
   5,000/50,000 counts DMM analog front end.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com