Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES51998 Datasheet(PDF) 1 Page - Cyrustek corporation

Part # ES51998
Description  DMM Analog front end/Insulation
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51998 Datasheet(HTML) 1 Page - Cyrustek corporation

  ES51998 Datasheet HTML 1Page - Cyrustek corporation ES51998 Datasheet HTML 2Page - Cyrustek corporation ES51998 Datasheet HTML 3Page - Cyrustek corporation ES51998 Datasheet HTML 4Page - Cyrustek corporation ES51998 Datasheet HTML 5Page - Cyrustek corporation ES51998 Datasheet HTML 6Page - Cyrustek corporation ES51998 Datasheet HTML 7Page - Cyrustek corporation ES51998 Datasheet HTML 8Page - Cyrustek corporation ES51998 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
ver 1.7
12/01/12
1
ES51998(60000counts)
DMM Analog front end/Insulation
Features
60000 counts dual-slope SADC (2 cnvs/s.)
Input signal full scale: 630mV (Max. 63000 count)
Built-in 600 counts fast speed (x10) FADC
Fast ADC conversion rate: 20 times/s
100L LQFP package
3V DC regulated power supply
Support digital multi-meter function
*Voltage measurement (AC/DC)
*Current measurement (AC/DC)
*Dual mode for frequency with voltage or current
*Resistance measurement (600.00Ω – 60.000MΩ)
*Conductance measurement (60.00nS)
*Capacitance measurement (6.000nF – 60.00mF)
(Taiwan patent no.: 323347, 453443)
*Diode or continuity mode measurement
*Frequency counter with duty cycle display:
60.000Hz – 60.000MHz
5.0% – 95.0%
ADP mode (AC or DC mode is available)
3dB BW selectable for low pass filter at AC mode
(Taiwan patent no.: 362409)
(China patent no.: 1363073)
Band-gap reference voltage output
Peak-hold measurement
(Taiwan patent no.:476418)
3-wire serial bus for MPU I/O port
MPU I/O power level selectable by external pins
On-chip buzzer driver and frequency selectable by
MPU command
High-crest-factor signal detection
(Taiwan patent no.: 234661)
Multi-level battery voltage detection
Support sleep mode by external chip select pin
Application
Clamp-on meter
Digital multi-meter
Description
ES51998 is an analog frond end chip of
DMM built-in 60000(SADC)/600(FADC)
counts dual ADCs. The SADC is operated at
slower speed for higher resolution. The
FADC is operated at higher speed for lower
resolution. ES51998 provides voltage &
current (AC/DC) measurement, resistance
measurement,
capacitance
measurement,
diode/continuity measurement, frequency
measurement, duty cycle measurement and
voltage peak-hold function. An analog
switches network is built-in for insulation
resistance application. The ES51998 also
supports
multi-level
battery
detection,
low-pass-filter feature for AC mode and dual
mode measurement for V+F & A+F. A 3-wire
serial bus for MPU I/O port will be used
easily for firmware design. Flexible function
design is supported for different kinds of
DMM or Clamp-on meter application.
.


Similar Part No. - ES51998

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51990 CYRUSTEK-ES51990 Datasheet
772Kb / 26P
   DMM Analog front end
ES51991 CYRUSTEK-ES51991 Datasheet
296Kb / 16P
   11,000 Counts ADC
ES51992 CYRUSTEK-ES51992 Datasheet
398Kb / 17P
   11,000 Counts ADC
ES51993 CYRUSTEK-ES51993 Datasheet
411Kb / 18P
   11,000 Counts ADC
ES51995 CYRUSTEK-ES51995 Datasheet
780Kb / 27P
   DMM Analog front end with PEAK
More results

Similar Description - ES51998

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51996 CYRUSTEK-ES51996 Datasheet
1Mb / 30P
   DMM Analog front end/Insulation
ES51990 CYRUSTEK-ES51990 Datasheet
772Kb / 26P
   DMM Analog front end
ES51997 CYRUSTEK-ES51997 Datasheet
829Kb / 28P
   DMM Analog front end
ES222 CYRUSTEK-ES222 Datasheet
703Kb / 32P
   DMM Analog front end/Inrush
ES51970 CYRUSTEK-ES51970 Datasheet
782Kb / 26P
   DMM Analog front end with Inrush
ES51980 CYRUSTEK-ES51980 Datasheet
1Mb / 29P
   DMM Analog front end with Inrush
ES51995 CYRUSTEK-ES51995 Datasheet
780Kb / 27P
   DMM Analog front end with PEAK
logo
HYCON Technology Corpor...
HY3131 HYCON-HY3131 Datasheet
1Mb / 42P
   5,000/50,000 Counts DMM Analog Front End
HY3130 HYCON-HY3130 Datasheet
1,013Kb / 42P
   5,000/50,000 Counts DMM Analog Front End
logo
Fortune Semiconductor C...
FS970X FORTUNE-FS970X Datasheet
1Mb / 46P
   5,000/50,000 counts DMM analog front end.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com