Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-41815-0362 Datasheet(PDF) 10 Page - Molex Electronics Ltd.

Part # A-41815-0362
Description  KK 156 HOUSING PCB 41815 SERIES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

A-41815-0362 Datasheet(HTML) 10 Page - Molex Electronics Ltd.

Back Button A-41815-0362 Datasheet HTML 3Page - Molex Electronics Ltd. A-41815-0362 Datasheet HTML 4Page - Molex Electronics Ltd. A-41815-0362 Datasheet HTML 5Page - Molex Electronics Ltd. A-41815-0362 Datasheet HTML 6Page - Molex Electronics Ltd. A-41815-0362 Datasheet HTML 7Page - Molex Electronics Ltd. A-41815-0362 Datasheet HTML 8Page - Molex Electronics Ltd. A-41815-0362 Datasheet HTML 9Page - Molex Electronics Ltd. A-41815-0362 Datasheet HTML 10Page - Molex Electronics Ltd. A-41815-0362 Datasheet HTML 11Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
KK 156 PCB ASSY 2-15 CKT
41815
SERIES
REV:
ECR/ECN INFORMATION:
TITLE:
KK 156 HOUSING ASSY PCB
41815 SERIES DWG
SHEET No.
AN1
EC NO.
UCP2012-3600
- 10 -
DATE:
5/14/2012
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-41815
MMSTROH
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Assy. Proc:
BOTTOM ENTRY
Assy. Proc:
BOTTOM ENTRY
Assy. Proc:
RIGHT ANGLE
Assy. Proc:
TOP ENTRY
Housing No:
41815-N-DN
Housing No:
41815-N-DN
Housing No:
41815-N-A15-7
Housing No:
41815-N-DN
Options
WITHOUT RAMPS
Options
WITHOUT RAMPS
Options
WITH RAMP
Options
WITHOUT RAMP
Terminal No:
6298-1-197
Terminal No:
6298-1-197
Terminal No:
2144-BA-A1AA-197B
Terminal No:
2144-BA-A1AA-197B
Term Matl:
PHOS BRONZE
Term Matl:
PHOS BRONZE
Term Matl:
PHOS BRONZE
Term Matl:
PHOS BRONZE
Plating:
197 – TIN
Plating:
197 – TIN
Plating:
197 – TIN
Plating:
197 – TIN
Dim C:
3.18 / .125
Dim C:
3.18 / .125
Dim C:
(3.68) / .145
Dim C:
(3.05)/.120
Voids:
NONE
Voids:
TERMINAL VOID 2
Voids:
TERMINAL VOID 7
Voids:
NONE
Hooks Cut:
NO
Hooks Cut:
NO
Hooks Cut:
NO
Hooks Cut:
YES
Packaging:
PK-41815-001 TRAY
Packaging:
PK-41815-001 TRAY
Packaging:
PK-41815-001 TRAY
Packaging:
PK-41815-001 TRAY
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
41815-0564
A-41815-0564
41815-0601
A-41815-0601
3
41815-0565
A-41815-0565
41815-0579
A-41815-0579
41815-0602
A-41815-0602
4
41815-0566
A-41815-0566
41815-0580
A-41815-0580
5
41815-0567
A-41815-0567
41815-0581
A-41815-0581
6
41815-0568
A-41815-0568
41815-0582
A-41815-0582
41815-0605
A-41815-0605
7
41815-0569
A-41815-0569
41815-0583
A-41815-0583
8
41815-0570
A-41815-0570
41815-0584
A-41815-0584
9
41815-0571
A-41815-0571
41815-0585
A-41815-0585
10
41815-0572
A-41815-0572
41815-0586
A-41815-0586
11
41815-0573
A-41815-0573
41815-0587
A-41815-0587
12
41815-0574
A-41815-0574
41815-0588
A-41815-0588
13
41815-0575
A-41815-0575
41815-0589
A-41815-0589
14
41815-0576
A-41815-0576
41815-0590
A-41815-0590
15
41815-0577
A-41815-0577
41815-0591
A-41815-0591
41815-0600
A-41815-0600


Similar Part No. - A-41815-0362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41815-0002 MOLEX1-A-41815-0002 Datasheet
338Kb / 13P
   3.96mm (.156") Pitch KK짰 PC Board Connector, Right Angle, Polyester Connector, 5.0關m (200關") Tin (Sn), 2 Circuits
A-41815-0002 MOLEX-A-41815-0002 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
A-41815-0003 MOLEX1-A-41815-0003 Datasheet
338Kb / 13P
   3.96mm (.156") Pitch KK짰 PC Board Connector, Right Angle, Polyester Connector,5.0關m (200關") Tin (Sn), 3 Circuits
A-41815-0003 MOLEX-A-41815-0003 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
A-41815-0004 MOLEX1-A-41815-0004 Datasheet
338Kb / 13P
   3.96mm (.156") Pitch KK짰 PC Board Connector, Right Angle, Polyester Connector, 5.0關m (200關") Tin (Sn), 4 Circuits
More results

Similar Description - A-41815-0362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
009481024 MOLEX-009481024 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
09-52-1026 MOLEX11-09-52-1026 Datasheet
200Kb / 6P
   KK 156 PCB ASSY 2145 RIGHT ANGLE SERIES
09-62-6024 MOLEX11-09-62-6024 Datasheet
186Kb / 4P
   KK 156 PCB ASSY 2145 BOTTOM ENTRY SERIES
09-52-1023 MOLEX11-09-52-1023 Datasheet
183Kb / 4P
   KK 156 HOUSING ASSY PC TAIL TOP ENTRY
09-50-8021-P MOLEX11-09-50-8021-P Datasheet
261Kb / 2P
   (3.96)/.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINALS
09-50-8020 MOLEX11-09-50-8020 Datasheet
263Kb / 1P
   (3.96) /.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINAL
logo
Adam Technologies, Inc.
LHB12SA1 ADAM-TECH-LHB12SA1 Datasheet
129Kb / 1P
   .156 HEADER & HOUSING .156 [3.96] CENTERLINE
logo
Molex Electronics Ltd.
0026034030 MOLEX3-0026034030 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, Friction Ramp
0026033181 MOLEX3-0026033181 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 18 Circuits
0026033221 MOLEX3-0026033221 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 22 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com