Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3643ETG Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3643ETG
Description  155Mbps to 2.5Gbps Burst-Mode Laser Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3643ETG Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3643ETG Datasheet HTML 1Page - Maxim Integrated Products MAX3643ETG Datasheet HTML 2Page - Maxim Integrated Products MAX3643ETG Datasheet HTML 3Page - Maxim Integrated Products MAX3643ETG Datasheet HTML 4Page - Maxim Integrated Products MAX3643ETG Datasheet HTML 5Page - Maxim Integrated Products MAX3643ETG Datasheet HTML 6Page - Maxim Integrated Products MAX3643ETG Datasheet HTML 7Page - Maxim Integrated Products MAX3643ETG Datasheet HTML 8Page - Maxim Integrated Products MAX3643ETG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
155Mbps to 2.5Gbps Burst-Mode Laser Driver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage VCC ..............................................-0.5V to +4.0V
Current into BIAS-, BIAS+, OUT-, OUT+ .......-20mA to +150mA
Voltage at VMSET, VBSET, IN+, IN-, BEN+, BEN-, EN, MDIN,
MDOUT, BENOUT, BCMON ...................-0.5V to (VCC + 0.5V)
Voltage at MODSET, BIASSET, VREF, IMAX ........-0.5V to +3.0V
Voltage at OUT-, OUT+, BIAS-, BIAS+ .....+0.3V to (VCC + 0.5V)
Continuous Power Dissipation (TA = +85°C)
24-Pin TQFN, Multilayer Board
(derate 27.8mW/°C above +85°C) ............................1807mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range ............................-55°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
Lead(Pb)-free..............................................................+260°C
Containing lead(Pb) ....................................................+240°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Turn-On Time
10% to 90%
0.001
1000
ms
Ambient Temperature
-40
+85
°C
Data Rate
2500
Mbps
Voltage at VMSET, VBSET
0
1.4
V
Voltage at BCMON
0
1.4
V
Voltage at MDIN
0
2.56
V
ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 3.6V, TA = -40°C to +85°C. Typical values are at VCC = 3.3V, TA = +25°C, IBIAS = 20mA, IMOD = 30mA, unless other-
wise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
Excluding laser bias and mode currents,
max at IMOD = 85mA, IBIAS = 70mA
32
51
mA
I/O SPECIFICATIONS
LVPECL Differential Input
VIN
VIN = (VIN+) - (VIN-)
200
1600
mVP-P
LVPECL Common-Mode Input
Voltage
VCM
VCC -
1.49
VCC -
1.32
VCC -
VIN / 4
V
LVCMOS Output High Voltage
IOH = -100µA
VCC -
0.2
V
LVCMOS Output Low Voltage
IOL = 100µA
0.2
V
BENOUT Propagation Delay
Td
CL = 20pF, from BEN zero crossing to 67%
CMOS level
30
ns
LVCMOS Input Pullup
75
k
LVCMOS Input Current
VIN = 0V or VIN = VCC
50
µA
LVCMOS Input High Voltage
2.0
VCC
V
LVCMOS Input Low Voltage
0.2
0.8
V
BIAS GENERATOR SPECIFICATIONS
Bias Current Range
IBIAS
VBIAS+, VBIAS-
0.6V
1
70
mA
Bias Current, Burst Off
IBIAS, OFF
BEN = low or
EN = high
5
50
µA
1mA
IBIAS < 2mA, VBSET = VREF
88
2mA
IBIAS < 10mA, VBSET = VREF
70
88
110
BIASSET Current Gain
GBIAS
10mA
IBIAS < 70mA, VBSET = VREF
82.5
88
94.5
mA/mA


Similar Part No. - MAX3643ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3643ETG MAXIM-MAX3643ETG Datasheet
266Kb / 15P
   Burst-Mode Laser Driver
Rev 0; 11/05
MAX3643ETG MAXIM-MAX3643ETG Datasheet
243Kb / 14P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 10/08
MAX3643ETG MAXIM-MAX3643ETG Datasheet
372Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 4; 12/12
MAX3643ETG++ MAXIM-MAX3643ETG+ Datasheet
266Kb / 15P
   Burst-Mode Laser Driver
Rev 0; 11/05
MAX3643ETG++ MAXIM-MAX3643ETG+ Datasheet
243Kb / 14P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 10/08
More results

Similar Description - MAX3643ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3656 MAXIM-MAX3656_V01 Datasheet
472Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
2010
MAX3643 MAXIM-MAX3643_14 Datasheet
372Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 4; 12/12
MAX3656 MAXIM-MAX3656 Datasheet
734Kb / 16P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 5/04
MAX3643 MAXIM-MAX3643_08 Datasheet
243Kb / 14P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 10/08
logo
Micrel Semiconductor
SY88216L MICREL-SY88216L Datasheet
672Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
SY88236L MICREL-SY88236L_10 Datasheet
858Kb / 19P
   2.5Gbps Burst Mode Laser Driver with
SY88216L MICREL-SY88216L_10 Datasheet
629Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
logo
Taiwan Memory Technolog...
I7520N TMT-I7520N Datasheet
20Kb / 1P
   2.5Gbps Burst Mode Laser Driver & Post Amplifier
logo
Maxim Integrated Produc...
MAX24001 MAXIM-MAX24001 Datasheet
1Mb / 53P
   2.5GBPS TX BURST-MODE LASER TRANSCEIVER
Rev 0; 11/12
MAX24001 MAXIM-MAX24001_V01 Datasheet
660Kb / 53P
   2.5Gbps Tx Burst-Mode Laser Transceiver
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com