Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6033 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6033
Description  Ultra-High-Precision SOT23 Series Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6033 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6033_12 Datasheet HTML 1Page - Maxim Integrated Products MAX6033_12 Datasheet HTML 2Page - Maxim Integrated Products MAX6033_12 Datasheet HTML 3Page - Maxim Integrated Products MAX6033_12 Datasheet HTML 4Page - Maxim Integrated Products MAX6033_12 Datasheet HTML 5Page - Maxim Integrated Products MAX6033_12 Datasheet HTML 6Page - Maxim Integrated Products MAX6033_12 Datasheet HTML 7Page - Maxim Integrated Products MAX6033_12 Datasheet HTML 8Page - Maxim Integrated Products MAX6033_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Ultra-High-Precision SOT23 Series
Voltage Reference
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—VOUT = 3.000V
(VIN = 5V, COUT = 0.1µF, IOUT = 0A, TA = TMIN to TMAX, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
ELECTRICAL CHARACTERISTICS—VOUT = 4.096V
(VIN = 5V, COUT = 0.1µF, IOUT = 0A, TA = TMIN to TMAX, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX6033A
2.9988
3.0000
3.0012
MAX6033B
2.9940
3.0000
3.0060
Output Voltage
VOUT
TA = +25
oC
MAX6033C
2.9970
3.0000
3.0030
V
MAX6033A
-0.04
+0.04
MAX6033B
-0.2
+0.2
Output-Voltage Accuracy
TA = +25
oC
MAX6033C
-0.1
+0.1
%
TA = -40
oC to +85oC
1.5
7
MAX6033A
TA = -40
oC to +125oC
2.5
10
TA = -40
oC to +85oC3
10
MAX6033B
TA = -40
oC to +125oC7
15
TA = -40
oC to +85oC6
20
Output-Voltage Temperature
Coefficient
TCVOUT
MAX6033C
TA = -40
oC to +125oC10
40
ppm/°C
Input Voltage Range
VIN
Inferred from line regulation specification
3.2
12.6
V
TA = +25°C
4
30
Line Regulation
∆VOUT/
∆VIN
3.2V
≤ VIN ≤ 12.6V
TA = -40°C to +125°C
60
µV/V
TA = +25°C
0.002
0.06
Load Regulation
∆VOUT/
∆IOUT
-100µA
≤ IOUT
15mA
TA = -40°C to +125°C
0.12
mV/mA
IOUT = 1mA
0.02
0.2
Dropout Voltage (Note 2)
VDO
∆VOUT = 0.1%
IOUT = 10mA
0.2
0.4
V
TA = +25
°C40
60
TA = -40
°C to +85°C75
Quiescent Supply Current
IIN
TA = -40°C to +125°C
85
µA
VOUT = 0V
90
Output Short-Circuit Current
ISC
VOUT = VIN
-2
mA
0.1Hz
≤ f ≤ 10Hz
24
µVP-P
Output-Voltage Noise
en
10Hz
≤ f ≤ 1kHz
15
µVRMS
Turn-On Settling Time
tON
VOUT settles to ±0.01% of final value
600
µs
Temperature Hysteresis
(Note 3)
150
ppm
Long-Term Stability
∆t = 1000hr
40
ppm
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX6033A
4.0943
4.0960
4.0977
MAX6033B
4.0878
4.0960
4.1042
Output Voltage
VOUT
TA = +25°C
MAX6033C
4.0919
4.0960
4.1001
V
MAX6033A
-0.04
+0.04
MAX6033B
-0.2
+0.2
Output-Voltage Accuracy
TA = +25°C
MAX6033C
-0.1
+0.1
%


Similar Part No. - MAX6033_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6033AAUT25 MAXIM-MAX6033AAUT25 Datasheet
450Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6033AAUT25-T MAXIM-MAX6033AAUT25-T Datasheet
1Mb / 13P
   High-Precision, Low-Dropout SOT23 Series Voltage Reference
2021
MAX6033AAUT30 MAXIM-MAX6033AAUT30 Datasheet
450Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6033AAUT41 MAXIM-MAX6033AAUT41 Datasheet
450Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6033AAUT50 MAXIM-MAX6033AAUT50 Datasheet
450Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
More results

Similar Description - MAX6033_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6033 MAXIM-MAX6033 Datasheet
450Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
   Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
MAX6033 MAXIM-MAX6033_V01 Datasheet
1Mb / 13P
   High-Precision, Low-Dropout SOT23 Series Voltage Reference
2021
MAX6035 MAXIM-MAX6035_06 Datasheet
781Kb / 15P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
   Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
MAX6126 MAXIM-MAX6126 Datasheet
412Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 2; 6/03
MAX6126 MAXIM-MAX6126_10 Datasheet
299Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 5; 12/10
MAX6226 MAXIM-MAX6226 Datasheet
844Kb / 11P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 1; 4/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com