Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6033CAUT25-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6033CAUT25-T
Description  Ultra-High-Precision SOT23 Series Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6033CAUT25-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6033CAUT25-T Datasheet HTML 3Page - Maxim Integrated Products MAX6033CAUT25-T Datasheet HTML 4Page - Maxim Integrated Products MAX6033CAUT25-T Datasheet HTML 5Page - Maxim Integrated Products MAX6033CAUT25-T Datasheet HTML 6Page - Maxim Integrated Products MAX6033CAUT25-T Datasheet HTML 7Page - Maxim Integrated Products MAX6033CAUT25-T Datasheet HTML 8Page - Maxim Integrated Products MAX6033CAUT25-T Datasheet HTML 9Page - Maxim Integrated Products MAX6033CAUT25-T Datasheet HTML 10Page - Maxim Integrated Products MAX6033CAUT25-T Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ultra-High-Precision SOT23 Series
Voltage Reference
10
______________________________________________________________________________________
Chip Information
PROCESS: BiCMOS
Ordering Information/Selector Guide (continued)
PART
OUTPUT
VOLTAGE (V)
TEMP COEFF
(ppm/°C)
INITIAL ACCURACY
(%)
TOP MARK
MAX6033CAUT30-T
3.300
40
0.10
AAXI
MAX6033CAUT30#TG16
3.300
40
0.10
#ACNH
MAX6033AAUT41-T
4.096
10
0.04
ABDH
MAX6033AAUT41#TG16
4.096
10
0.04
#ACNI
MAX6033BAUT41-T
4.096
15
0.20
AAXN
MAX6033BAUT41#TG16
4.096
15
0.20
#ACLG
MAX6033CAUT41-T
4.096
40
0.10
AAXJ
MAX6033CAUT41#TG16
4.096
40
0.10
#ACNJ
MAX6033AAUT50-T
5.000
10
0.04
ABDI
MAX6033AAUT50#TG16
5.000
10
0.04
#ACNK
MAX6033BAUT50-T
5.000
15
0.20
AAXO
MAX6033BAUT50#TG16
5.000
15
0.20
#ACNL
MAX6033CAUT50-T
5.000
40
0.10
AAXK
MAX6033CAUT50#TG16
5.000
40
0.10
#ACNM
#
Denotes a RoHS-compliant device that may include lead(Pb) that is exempt under the RoHS requirements.
T = Tape and reel.
OUTS
SUPPLY INPUT
IN
GND
*INPUT CAPACITOR IS OPTIONAL
REFERENCE OUTPUT
0.1
µF (min)
0.1
µF*
OUTF
MAX6033
Typical Operating Circuit
Package Information
For the latest package outline information and land patterns
(footprints), go to www.maxim-ic.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE NO.
LAND
PATTERN NO.
SOT23-6
U6F-6
21-0058
90-0175
RoHS SOT23-6
UGFH-6


Similar Part No. - MAX6033CAUT25-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6033CAUT25-T MAXIM-MAX6033CAUT25-T Datasheet
1Mb / 13P
   High-Precision, Low-Dropout SOT23 Series Voltage Reference
2021
More results

Similar Description - MAX6033CAUT25-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6033 MAXIM-MAX6033 Datasheet
450Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
   Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
MAX6033 MAXIM-MAX6033_V01 Datasheet
1Mb / 13P
   High-Precision, Low-Dropout SOT23 Series Voltage Reference
2021
MAX6035 MAXIM-MAX6035_06 Datasheet
781Kb / 15P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
   Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
MAX6126 MAXIM-MAX6126 Datasheet
412Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 2; 6/03
MAX6126 MAXIM-MAX6126_10 Datasheet
299Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 5; 12/10
MAX6226 MAXIM-MAX6226 Datasheet
844Kb / 11P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 1; 4/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com