Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL00123-WCR18 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL00123-WCR18
Description  PL00123 Series SMD LED 0805 Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL00123-WCR18 Datasheet(HTML) 1 Page - P-tec Corporation

  PL00123-WCR18 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*Flat lens package 2.0 x 1.25 x 0.8mm
*Low current requirements
*High light output
*Compatible with IR solder-process
*Industry standard footprint
*3000 pcs per reel
*RoHS compliant
Features
Package Dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
PL00123 Series SMD LED 0805 Package
04.01.11 Rev 0 JAS
Tel:(866) 695 4162
Tel:(719) 589 3122
Fax:(719) 589 3592
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Viewing
Angle
2
θ1/2
Forward
Voltage
@20mA (V)
Luminous
Intensity
@20mA (mcd)
Water Clear Lens
nm
Deg
Typ
Max
Min
Typ
PL00123-WCR18
Super-bright Red
AlInGaP
645
130°
2.1
2.6
45.0
72.0
Dominant
Wave
Length
nm
632
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage ………..…………...…………………....….…..…...….……….…... 5.0V
Max Forward Current …………..…..……………...………………….………....… 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)……………………………. 100mA
Operating Temperature Range ……………………….…..…..……..…..... -40°C to +85°C
Storage Temperature Range ……………………………….…..……...….. -40°C to +85°C
Reflow Soldering Temperature……………………..……….…..….. 260°C for 10 seconds
Power Dissipation…………..……………………………………...…….…………. 78mW
Recommended Soldering Pad Layout
1.2
1.2
0.9
www.p-tec.net
sales@p-tec.net
1.25
0.80
0.30
1.40
1.20
2.00
0.40
0.30
Cathode Mark


Similar Part No. - PL00123-WCR18

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL00123-WCR08 P-TEC-PL00123-WCR08 Datasheet
27Kb / 1P
   PL00123 Series SMD LED 0805 Package
PL00123-WCR20 P-TEC-PL00123-WCR20 Datasheet
27Kb / 1P
   PL00123 Series SMD LED 0805 Package
PL00123-WCR21 P-TEC-PL00123-WCR21 Datasheet
27Kb / 1P
   PL00123 Series SMD LED 0805 Package
PL00123-WCR24 P-TEC-PL00123-WCR24 Datasheet
27Kb / 1P
   PL00123 Series SMD LED 0805 Package
PL00123-WCR27 P-TEC-PL00123-WCR27 Datasheet
40Kb / 1P
   PL00123 Series SMD LED 0805 Package
More results

Similar Description - PL00123-WCR18

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL00123-WCG13 P-TEC-PL00123-WCG13 Datasheet
27Kb / 1P
   PL00123 Series SMD LED 0805 Package
PL00123-WCR24 P-TEC-PL00123-WCR24 Datasheet
27Kb / 1P
   PL00123 Series SMD LED 0805 Package
PL00123-WCR20 P-TEC-PL00123-WCR20 Datasheet
27Kb / 1P
   PL00123 Series SMD LED 0805 Package
PL00123-WCY06 P-TEC-PL00123-WCY06 Datasheet
27Kb / 1P
   PL00123 Series SMD LED 0805 Package
PL00123-WCR21 P-TEC-PL00123-WCR21 Datasheet
27Kb / 1P
   PL00123 Series SMD LED 0805 Package
PL00123-WCB11 P-TEC-PL00123-WCB11 Datasheet
27Kb / 1P
   PL00123 Series SMD LED 0805 Package
PL00123-WCR27 P-TEC-PL00123-WCR27 Datasheet
40Kb / 1P
   PL00123 Series SMD LED 0805 Package
PL00123-WCR08 P-TEC-PL00123-WCR08 Datasheet
27Kb / 1P
   PL00123 Series SMD LED 0805 Package
PL00220-WCR08 P-TEC-PL00220-WCR08 Datasheet
30Kb / 1P
   SMD LED 0805 Package
PL00220-WCR12 P-TEC-PL00220-WCR12 Datasheet
30Kb / 1P
   SMD LED 0805 Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com