Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL00130-WCR20 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL00130-WCR20
Description  PL00130 Series SMD LED 0603 Package Top View
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL00130-WCR20 Datasheet(HTML) 1 Page - P-tec Corporation

  PL00130-WCR20 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LED Die
1.0
0.8
1.6
Cathode Mark
1.0
0.8
0.8
0.3
Recommended Soldering Pad Layout
0.8
0.7
0.8
*Flat lens thin package 1.6 x 0.8 x 0.8mm
*Low current requirements
*High light output
*Compatible with IR solder-process
*Industry standard footprint
*4000 pcs per reel
*RoHS compliant
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Viewing
Angle
2
θ1/2
Forward
Voltage
@20mA (V)
Luminous
Intensity
@20mA (mcd)
Water Clear Lens
(nm)
(nm)
Deg
Typ
Max
Min
Typ
PL00130-WCR20
Dark Red
AlGaAs
643
660
110°
1.9
2.3
9.0
14.0
Dominant
Wave
Length
Peak
Wave
Length
Features
Package Dimensions are in Millimeters. Tolerance is ± 0.15mm unless otherwise specified.
PL00130 Series SMD LED 0603 Package Top View
3.03.11 REV 0 MS
Absolute Maximum Ratings at TA = 25°C
Power Dissipation ………………………………………………………..……..…. 69mW
Reverse Voltage (<10µA) ………..……………………..…....…..…...………….…... 5.0V
Max Forward Current …………..……………….…….......…………………..….. 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)…..………………………... 100mA
Operating Temperature Range ……………………….….…….......…...…-40°C to +85°C
Storage Temperature Range ………………………………..…..…....….. -40°C to +85°C
Reflow Soldering Temperature……………………..…….…...….... 260°C for 10 seconds
Tel:(866) 695 4162
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa CO 81101


Similar Part No. - PL00130-WCR20

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL00130-WCR20 P-TEC-PL00130-WCR20_14 Datasheet
31Kb / 1P
   SMD LED 0603 Package Top View
More results

Similar Description - PL00130-WCR20

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL00130-WCG13 P-TEC-PL00130-WCG13 Datasheet
28Kb / 1P
   PL00130 Series SMD LED 0603 Package Top View
PL00130-WCY06 P-TEC-PL00130-WCY06 Datasheet
28Kb / 1P
   PL00130 Series SMD LED 0603 Package Top View
PL00130-WCR21 P-TEC-PL00130-WCR21 Datasheet
28Kb / 1P
   PL00130 Series SMD LED 0603 Package Top View
PL00130-WCB11 P-TEC-PL00130-WCB11 Datasheet
28Kb / 1P
   PL00130 Series SMD LED 0603 Package Top View
PL00130-WCR24 P-TEC-PL00130-WCR24 Datasheet
28Kb / 1P
   PL00130 Series SMD LED 0603 Package Top View
PL00130-WCG17 P-TEC-PL00130-WCG17 Datasheet
28Kb / 1P
   PL00130 Series SMD LED 0603 Package Top View
PL00130-WCR18 P-TEC-PL00130-WCR18 Datasheet
28Kb / 1P
   PL00130 Series SMD LED 0603 Package
PL00130-WCG11 P-TEC-PL00130-WCG11_14 Datasheet
32Kb / 1P
   SMD LED 0603 Package Top View
PL00130-WCG17 P-TEC-PL00130-WCG17_14 Datasheet
32Kb / 1P
   SMD LED 0603 Package Top View
PL00130-WCG25 P-TEC-PL00130-WCG25_14 Datasheet
32Kb / 1P
   SMD LED 0603 Package Top View
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com