Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

515-1011F Datasheet(PDF) 7 Page - Dialight Corporation

Part # 515-1011F
Description  Light Pipe Selector Guide Optopipe짰 Lightpipes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

515-1011F Datasheet(HTML) 7 Page - Dialight Corporation

Back Button 515-1011F Datasheet HTML 3Page - Dialight Corporation 515-1011F Datasheet HTML 4Page - Dialight Corporation 515-1011F Datasheet HTML 5Page - Dialight Corporation 515-1011F Datasheet HTML 6Page - Dialight Corporation 515-1011F Datasheet HTML 7Page - Dialight Corporation 515-1011F Datasheet HTML 8Page - Dialight Corporation 515-1011F Datasheet HTML 9Page - Dialight Corporation 515-1011F Datasheet HTML 10Page - Dialight Corporation 515-1011F Datasheet HTML 11Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Part Number
Drawing
Suggested
LED*
597-3XX1-507F
597-77X1-507F
597-3XX1-507F
597-77X1-507F
597-3XX1-507F
597-77X1-507F
597-3XX1-507F
597-77X1-507F
597-3XX1-507F
597-77X1-507F
597-3XX1-207F
597-77X1-207F
515-1114F
515-1108F
515-1064F
515-1064-801F
515-1009F
7
Ø3.05±.002
(,120)
TYP; 2 PLCS
4.6
(0,18)
3.05
(0,120)
*5.08±.003
(,200)
*2.54±.003
(,100)
9.1
(0,36)
2.8
(.11)
DIFFUSED FRONT
SURFACES;
2 PLCS
*2.29±.007
(,090)
4.85
(0,191)
4.6
(0,18)
17.8
(0,70)
REF
*7.62±.007
(,300)
2.77
(,109)
1.65
(,065)
.093± .009
ALIGNMENT
ONLYPIN
14.2
(0,56)
*(.064±.002
MOUNTING PIN
(MAJOR DIA.)
*2.54±.007
(,100)
*5.0/8±.007
(,200)
.470
(11,94)
.125
(3,18)
.660
(16,76)
.140
(3,56)
.070
(1,78)
PCB
SMT LED
.200
(5,08)
.324
(8,23)
.125
(3,18)
TYP
.775
(19,69)
.538
(13,67)
.237
(6,02)
(2) BLACK
LIGHTSHIELDS
SEE NOTE 3
.215
(5,46)
.175
(4,45)
.175
(4,45)
.950
(24,13)
SMT LEDS
.195
(4,95)
.195
(4,95)
.203
(5,16)
.140
(3,56)
.040
(1,02)
.098
(2,49)
.170
(4,32)
.170
(4,32)
.150
(3,81)
.090
(2,29)
.16
(4,2)
.090
(22,9)
.54
(13,7)
.528
(13,41)
Ø.098
(2,49)
TYP; (3 PLCS)
*.100±.015
(2,54±0,381)
.215+.000
- .010
(5,46 +,000 )
- 0,25
.190±.005
.21
(REF)
.045
(MAX)
.90
Ø.098±.005
TYP; (3 PLCS)
(LIGHTPIPE
FRONT END)
.90
(REF)
.100
.54
(REF)
.170±.005
.170±.005
.150±.005
.215
.529±.005
.110 TYP
.281
.195
.195
.202
.090
.125
.175
.300
.371
.200
GAP
.140
.515
.030
.128
MAX
.655
(REF)
.125 (TYP);
(3) PLACES
.206
(5,23)
.190
(4,83)
DIFFUSED FRONT
SURFACES
.100
(2,54)
.850
(21,59)
.585
(14,86)
.528
(13,42)
.215
(5,46)
.170
(4,32)
.170
(4,32)
.150
(3,81)
Ø0.70 +.003/-.001
(1,78 +0,08/-0,03)
DIAGONAL
515-1064-804F
.090
(2,28)
* ’X’ represents a variable part number. See page 17 for LED details.


Similar Part No. - 515-1011F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
515-1001 DIALIGHT-515-1001 Datasheet
406Kb / 1P
   3 x 5.5mm Rectangular Optical Light Pipe
515-1020-806F DIALIGHT-515-1020-806F Datasheet
181Kb / 1P
   4 ELEMENT LIGHTPIPE W/ LIGHT SHIELD
515-1027 DIALIGHT-515-1027 Datasheet
408Kb / 1P
   1.1mm Round Optopipe짰 Optical Light Pipe, Panel Mount
515-1027-80F DIALIGHT-515-1027-80F Datasheet
35Kb / 1P
   LIGHT PIPE 1.68MM DIAM 5.26MM LG
515-1029 DIALIGHT-515-1029 Datasheet
445Kb / 1P
   2.4 x 5mm Rectangular
More results

Similar Description - 515-1011F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
515-1027 DIALIGHT-515-1027 Datasheet
408Kb / 1P
   1.1mm Round Optopipe짰 Optical Light Pipe, Panel Mount
logo
Kingbright Corporation
KL-02 KINGBRIGHT-KL-02 Datasheet
36Kb / 1P
   LIGHT PIPE
logo
LUMEX INC.
LPA-S011331S LUMEX-LPA-S011331S Datasheet
41Kb / 1P
   LIGHT PIPE
logo
Kingbright Corporation
KL-07LS KINGBRIGHT-KL-07LS Datasheet
41Kb / 1P
   LIGHT PIPE
logo
LUMEX INC.
LPA-C051301S LUMEX-LPA-C051301S Datasheet
93Kb / 1P
   LIGHT PIPE
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
List of Unclassifed Man...
VLP-350-R ETC2-VLP-350-R Datasheet
196Kb / 1P
   vertical light pipe
logo
LUMEX INC.
LPF-R012305S LUMEX-LPF-R012305S Datasheet
79Kb / 1P
   CUSTOM LIGHT PIPE
logo
Richco, Inc.
VLP1-D-5 RICHCO-VLP1-D-5 Datasheet
75Kb / 1P
   VERTICAL LIGHT PIPE
logo
LUMEX INC.
LPF-R061252S-2 LUMEX-LPF-R061252S-2 Datasheet
79Kb / 1P
   CUSTOM LIGHT PIPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com