Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL1-230-CW-P Datasheet(PDF) 1 Page - Dialight Corporation

Part # CL1-230-CW-P
Description  CL1 SERIES COVELED1
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

CL1-230-CW-P Datasheet(HTML) 1 Page - Dialight Corporation

  CL1-230-CW-P Datasheet HTML 1Page - Dialight Corporation CL1-230-CW-P Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COVELED1
FEATURES / BENEFITS
Ultra slim design
Up to 50,000+ hr life
Low energy use
No IR or UV emmissions
Low maintenance costs
Immediate start-up
IP 67 rated option for damp environments
Latest high efficiency LED technology
CL1 SERIES
MDEXLUMC1L_A
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
APPLICATIONS
The CL Series is designed for use in a wide range of lighting applications, especially areas which benefit from its ultra slim profile,
low energy and long operating life. Designed around the latest LED technology, the CL1 series represents true innovation in lighting,
delivered in a package which blends seamlessly into it’s surroundings. Sample applications include, but not limited to: Cove and
cornice lighting, shelf lighting, integrated into furniture, under counters, stair hand rails, display cases, task lighting.
OPERATING CONDITIONS
MATERIALS/FINISH
Ambient temperature
-20ºC to +55ºC (-4ºF to +131ºF)
Anodized Aluminum
MOUNTING INFORMATION
Each module supplied with 300cm [108”]
of cable pre-wired with bare ends
Mounting spring clips included.
Length
mm [Inches]
LEDS
Power Consumption
(Watts) Typ. with
350mA Driver
Cable Diameter /
Length
Typ Cool White Output
(Lumens) @ 350mA
Typ Warm White Output
(Lumens) @ 350mA
225.5 mm [8.88”]
2
2.4W
4mm / 300 cm
144
102
622.5 mm [24.51”]
6
7.2W
4mm / 300 cm
432
308
822.5 mm [32.38”]
8
9.6W
4mm / 300 cm
576
408
PRIVATE LABEL
OEM PROGRAM
Recommended maximum input current 350mA
2 supplied per module
Matl: Spring Steel Bright Zinc Plated
Based on LED manufacturers 25ºC “flash test” data. @ 20ºC ambient actual output
will be 10 - 25% less depending on mounting.
Nichia O83 A LEDs
Dialight-Lumidrives Ltd.
York House • Wetherby Road • Long Marston, York, YO26 7NH
Tel: +44(0) 1904 739150 • Fax: +44(0) 1904 737926 • www.dialight.com


Similar Part No. - CL1-230-CW-P

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CL1 MACOM-CL1 Datasheet
455Kb / 3P
   Thin Film Limiter Module 5 to 3000 MHz
logo
Supertex, Inc
CL1 SUTEX-CL1 Datasheet
1Mb / 7P
   Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
logo
M/A-COM Technology Solu...
CL1 MA-COM-CL1 Datasheet
1Mb / 3P
   Thin Film Limiter Module 5 to 3000 MHz
logo
Eaton All Rights Reserv...
CL1 EATON-CL1 Datasheet
69Kb / 1P
   Type CL 1-inch Classified Replacement Breaker
logo
Continental Device Indi...
CL100 CDIL-CL100 Datasheet
47Kb / 3P
   NPN SILICON PLANAR TRANSISTORS
More results

Similar Description - CL1-230-CW-P

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
TAEA5025 NHP-TAEA5025 Datasheet
789Kb / 1P
   SUMMATION CT 55 15VA CL1 10VA CL0.5
11 October 2022,
TA3272001A NHP-TA3272001A Datasheet
1Mb / 3P
   CT SOLID CORE 200/1A 27mm 7VA CL1 4VA CL0.5
11 October 2022,
TA4322005A NHP-TA4322005A Datasheet
1Mb / 3P
   CT SOLID CORE 200/5A 32mm 5VA CL1 3VA CL0.5
11 October 2022,
TA3271505A NHP-TA3271505A Datasheet
1Mb / 3P
   CT SOLID CORE 150/5A 27mm 4VA CL1 3VA CL0.5
11 October 2022,
TA4323005A NHP-TA4323005A Datasheet
1Mb / 3P
   CT SOLID CORE 300/5A 32mm 8VA CL1 5VA CL0.5
11 October 2022,
TA4324005A NHP-TA4324005A Datasheet
1Mb / 3P
   CT SOLID CORE 400/5A 32mm 10VA CL1 8VA CL0.5
12 July 2023,
TA3271205A NHP-TA3271205A Datasheet
1Mb / 3P
   CT SOLID CORE 120/5A 27mm 3.5VA CL1 2VA CL0.5
11 October 2022,
TA3272005A NHP-TA3272005A Datasheet
1Mb / 3P
   CT SOLID CORE 200/5A 27mm 7VA CL1 4VA CL0.5
4 April 2023,
TA3273005A NHP-TA3273005A Datasheet
1Mb / 3P
   CT SOLID CORE 300/5A 27mm 10VA CL1 8VA CL0.5
11 October 2022,
TA327755A NHP-TA327755A Datasheet
1Mb / 3P
   CT SOLID CORE 75/5A 27mm 3VA CL3 1.5VA CL1
11 October 2022,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com